Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4114 Datasheet HTML 16Page - Analog Devices AD4114 Datasheet HTML 17Page - Analog Devices AD4114 Datasheet HTML 18Page - Analog Devices AD4114 Datasheet HTML 19Page - Analog Devices AD4114 Datasheet HTML 20Page - Analog Devices AD4114 Datasheet HTML 21Page - Analog Devices AD4114 Datasheet HTML 22Page - Analog Devices AD4114 Datasheet HTML 23Page - Analog Devices AD4114 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
AD4114
Data Sheet
Rev. 0 | Page 20 of 49
CIRCUIT DESCRIPTION
MULIPLEXER
The device has 17 voltage input pins, VIN0 to VIN15 and
VINCOM. Each pin connects to the internal multiplexer. The
multiplexer enables these inputs to be configured as input pairs.
The AD4114 can have up to 16 active channels. When more
than one channel is enabled, the channels are automatically
sequenced in order from the lowest enabled channel number to
the highest enabled channel number. The multiplexer output
connects to the input of the integrated, true rail-to-rail buffers.
These buffers can be bypassed and the multiplexer output can
be directly connected to the ADC switched capacitor input. The
simplified input circuits are shown in Figure 26.
VOLTAGE INPUTS
The AD4114 can be set up to have either 16 single-ended inputs
or eight fully differential inputs. The voltage divider on the AFE
has a division ratio of 10 and consists of precision matched
resistors that enable an input range of ±20 V from a single 5 V
power supply.
Enable the input buffers in the corresponding setup configuration
register for the voltage input channels (see Table 29).
Fully Differential Inputs
The differential inputs are paired together in the following pairs:
VIN0 and VIN1, VIN2 and VIN3, VIN4 and VIN5, VIN6 and
VIN7, VIN8 and VIN9, VIN10 and VIN11, VIN12 and VIN13,
and VIN14 and VIN15.
Single-Ended Inputs
The user can measure up to 16 different single-ended voltage
inputs. In this case, each voltage input must be paired with the
VINCOM pin. Connect the VINCOM pin externally to the
AVSS pin.
AVSS
AVSS
VIN0
AVDD
VINCOM
AVDD
VIN1
AVDD
AVSS
AVDD
VBIAS–
+
–
MULTIPLEXER
222kΩ
222kΩ 222kΩ
222kΩ 222kΩ
222kΩ
1MΩ
1MΩ
1MΩ
Figure 26. Simplified Voltage Input Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com