Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 3 Page - Analog Devices

  AD4114 Datasheet HTML 1Page - Analog Devices AD4114 Datasheet HTML 2Page - Analog Devices AD4114 Datasheet HTML 3Page - Analog Devices AD4114 Datasheet HTML 4Page - Analog Devices AD4114 Datasheet HTML 5Page - Analog Devices AD4114 Datasheet HTML 6Page - Analog Devices AD4114 Datasheet HTML 7Page - Analog Devices AD4114 Datasheet HTML 8Page - Analog Devices AD4114 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Data Sheet
AD4114
Rev. 0 | Page 3 of 49
FUNCTIONAL BLOCK DIAGRAM
XTAL AND INTERNAL
CLOCK OSCILLATOR
CIRCUITRY
RAIL-TO-RAIL
REFERENCE
INPUT BUFFERS
REF– REF+
REFOUT
REGCAPA
Σ-Δ ADC
1.8V
LDO
MUX
1.8V
LDO
INTERNAL
REFERENCE
IOVDD
REGCAPD
SERIAL
INTERFACE
DIGITAL
FILTER
BUFFERED
PRECISION
REFERENCE
SYNC
XTAL1
XTAL2/CLKIO
CS
SCLK
DIN
DOUT/RDY
ERROR
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VINCOM
AVSS
AVDD
AD4114
TEMPERATURE
SENSOR
GPO CONTROL
GPIO0 GPIO1
VBIAS–
VIN8
VIN9
VIN10
VIN11
VIN12
VIN13
VIN14
VIN15
PRECISION
VOLTAGE
DIVIDER
GPO2 GPO3
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com