Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4114 Datasheet HTML 12Page - Analog Devices AD4114 Datasheet HTML 13Page - Analog Devices AD4114 Datasheet HTML 14Page - Analog Devices AD4114 Datasheet HTML 15Page - Analog Devices AD4114 Datasheet HTML 16Page - Analog Devices AD4114 Datasheet HTML 17Page - Analog Devices AD4114 Datasheet HTML 18Page - Analog Devices AD4114 Datasheet HTML 19Page - Analog Devices AD4114 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
AD4114
Data Sheet
Rev. 0 | Page 16 of 49
AD4114 RESET
When a power-up cycle completes and the power supplies are
stable, a device reset is required. If interface synchronization is
lost, a device reset is required. A write operation of at least 64 serial
clock cycles with DIN high returns the ADC to the default state
by resetting the entire device, including the register contents.
Alternatively, if CSE is used with the digital interface, returning CSE
high sets the digital interface to the default state and halts any
serial interface operation.
CONFIGURATION OVERVIEW
After a power-on or reset, the AD4114 default configuration is
as follows:
Channel configuration: Channel 0 is enabled, the VIN0
and VIN1 pair is selected as the input. Setup 0 is selected
(see the Setup Configuration section for more information).
Setup configuration: the analog input buffers and the
reference input buffers are disabled. The REF+ and REF− pins
are selected as the reference source. Note that for this setup,
the default channel does not operate correctly because the
input buffers must be enabled for a VINx input.
Filter configuration: the sinc5 + sinc1 filter is selected and
the maximum output data rate of 31.25 kSPS is selected.
ADC mode: continuous conversion mode and the internal
oscillator are enabled. The internal reference is disabled.
Interface mode: cyclic redundancy check (CRC) and the
data and status output are disabled.
Note that only a few of the register setting options are shown in
this example list. For full register information, see the Register
Details section.
Figure 24 shows an overview of the suggested flow for changing
the ADC configuration divided into the following three blocks:
Channel configuration
Setup configuration
ADC mode and interface mode configuration
Channel Configuration
The AD4114 has 16 independent channels and eight independent
setups. The user can select any input pair on any channel, as
well as any of the eight setups for any channel, which allows full
flexibility in the channel configuration. This flexibility allows per
channel configuration when using differential inputs and single-
ended inputs because each channel can have an individual
dedicated setup.
Channel Registers
The channel registers select which voltage input is used for the
corresponding channel. Each channel register contains a channel
enable/disable bit and the setup selection bits that select from
eight available setups to use for the channel.
When the AD4114 operates with more than one channel enabled,
the channel sequencer cycles through the enabled channels in
sequential order from Channel 0 to Channel 15. If a channel is
disabled, that channel is skipped by the sequencer. Details on
the channel register for Channel 0 are shown in Table 9.
ADC MODE AND INTERFACE MODE CONFIGURATION
SELECT ADC OPERATING MODE, CLOCK SOURCE,
ENABLE CRC, DATA AND STATUS, AND MORE
SETUP CONFIGURATION
8 POSSIBLE ADC SETUPS
SELECT FILTER ORDER, OUTPUT DATA RATE, AND MORE
CHANNEL CONFIGURATION
SELECT INPUT AND SETUP FOR EACH ADC CHANNEL
A
B
C
Figure 24. Suggested ADC Configuration Flow
Table 9. Channel Register 0 Bit Map
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x10
CH0
[15:8]
CH_EN0
SETUP_SEL0
Reserved
INPUT0[9:8]
0x8001
R/W
[7:0]
INPUT0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com