Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4114 Datasheet HTML 25Page - Analog Devices AD4114 Datasheet HTML 26Page - Analog Devices AD4114 Datasheet HTML 27Page - Analog Devices AD4114 Datasheet HTML 28Page - Analog Devices AD4114 Datasheet HTML 29Page - Analog Devices AD4114 Datasheet HTML 30Page - Analog Devices AD4114 Datasheet HTML 31Page - Analog Devices AD4114 Datasheet HTML 32Page - Analog Devices AD4114 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Data Sheet
AD4114
Rev. 0 | Page 29 of 49
STANDBY MODE AND POWER-DOWN MODE
In standby mode, most blocks are powered down. The LDO
regulators remain active so that the registers maintain the
individual register contents. The crystal oscillator remains
active if selected. To power down the clock in standby mode,
set the CLOCKSEL bits in the ADC mode register to 00
(internal oscillator).
In power-down mode, all blocks are powered down, including
the LDO regulators. All registers lose the individual register
contents and the GPIO outputs are placed in three-state. To
prevent accidental entry into power-down mode, place the
ADC in standby mode first. Exiting power-down mode requires a
serial interface reset (64 serial clocks with CS = 0 and DIN = 1).
A delay of 500 μs is recommended before issuing a subsequent
serial interface command to allow the LDO regulator to power up.
CALIBRATION MODES
The AD4114 allows the user to perform a two-point calibration
to eliminate any offset and gain errors. The following four
calibration modes are used to eliminate these offset and gain errors
on a per setup basis:
Internal zero-scale calibration mode
Internal full-scale calibration mode
System zero-scale calibration mode
System full-scale calibration mode
Only one channel can be active during calibration. After each
conversion, the ADC conversion result is scaled using the ADC
calibration registers before being written to the data register.
The default value of the offset register is 0x800000, and the
default value of the gain register is 0x5XXXX0. The following
equations show the calculations used to scale the ADC conversion
result. In unipolar mode, the ideal relationship (not considering
the ADC gain error and offset error) is calculated as follows:
Data = ((0.075 × VIN/VREF) × 223 – (Offset − 0x800000)) ×
(Gain/0x400000) × 2
In bipolar mode, the ideal relationship (not considering the
ADC gain error and offset error) is calculated as follows:
Data = ((0.075 × VIN/VREF) × 223 – (Offset − 0x800000)) ×
(Gain/0x400000) + 0x800000
To start a calibration, write the relevant value to the Mode bits
in the ADC mode register, Bits[6:4]. The DOUT/RDY pin and the
RDY bit in the status register go high when the calibration initiates.
When the calibration is complete, the contents of the
corresponding offset or gain register update, the RDY bit in the
status register resets, the RDY output pin returns low (if CS is
low), and the AD4114 reverts to standby mode.
During an internal offset calibration, both modulator inputs are
connected internally to the selected negative analog input pin,
and the user must ensure that the voltage on the selected negative
analog input pin does not exceed the allowed limits and is free
from excessive noise and interference. A full-scale input voltage
automatically connects to the ADC input to perform an
internal full-scale calibration.
For system calibrations, apply the system zero-scale (offset) and
system full-scale (gain) voltages to the input pins before initiating
the calibration modes. As a result, errors external to the AD4114
are removed. The calibration range of the ADC gain for a system
full-scale calibration on a voltage input is from 3.75 × VREF to
10.5 × VREF. If 10.5 × VREF is greater than the absolute input voltage
specification for the applied AVDD, use the specification as the
upper limit instead of 10.5 × VREF (see the Specifications section).
An internal zero-scale calibration only removes the offset error
of the ADC core. This calibration does not remove error from
the resistive front end. A system zero-scale calibration reduces
the offset error to the order of the noise on that channel.
From an operational point of view, treat a calibration like another
ADC conversion. Always perform an offset calibration, if required,
before a full-scale calibration. Set the system software to monitor
the RDY bit in the status register or the RDY output to determine
the end of a calibration via a polling sequence or an interrupt
driven routine. All calibrations require a time equal to the settling
time of the selected filter and output data rate to be completed.
Any calibration can be performed at any output data rate.
Lower output data rates result in higher calibration accuracy
and the calibration is accurate for all output data rates. A new
offset calibration is required for a given channel if the reference
source for that channel is changed.
The AD4114 provides access to the on-chip offset and gain
calibration registers to allow the microprocessor to read the
device calibration coefficients and to write the stored calibration
coefficients. A read or write of the offset and gain registers can be
performed at any time except during an internal or self calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com