Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4114 Datasheet HTML 19Page - Analog Devices AD4114 Datasheet HTML 20Page - Analog Devices AD4114 Datasheet HTML 21Page - Analog Devices AD4114 Datasheet HTML 22Page - Analog Devices AD4114 Datasheet HTML 23Page - Analog Devices AD4114 Datasheet HTML 24Page - Analog Devices AD4114 Datasheet HTML 25Page - Analog Devices AD4114 Datasheet HTML 26Page - Analog Devices AD4114 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Data Sheet
AD4114
Rev. 0 | Page 23 of 49
BUFFERED REFERENCE INPUT
The AD4114 has true rail-to-rail, integrated, precision unity-gain
buffers on both ADC reference inputs. The buffers provide high
input impedance and allow high impedance external sources to
be directly connected to the reference inputs. The integrated
reference buffers can fully drive the internal reference switch
capacitor sampling network to simplify the reference circuit
requirements. Each reference input buffer amplifier is fully
chopped and minimizes the offset error drift and 1/f noise of the
buffer. When using a voltage reference, such as the ADR4525,
these buffers are not required because the reference has proper
decoupling and can drive the reference inputs directly.
CLOCK SOURCE
The AD4114 uses a nominal master clock of 2 MHz and can
source the device sampling clock from one of the following
three sources:
An internal oscillator.
An external crystal. Use a 16 MHz crystal automatically
divided internally to set the 2 MHz clock.
An external clock source.
All output data rates listed in this data sheet relate to a master clock
rate of 2 MHz. Using a lower clock frequency from, for instance,
an external source scales any listed data rate proportionally. To
achieve the specified data rates, particularly rates for rejection
of 50 Hz and 60 Hz, use a 2 MHz clock. To select the master
clock source, set the CLOCKSEL bits (Bits[3:2]) in the ADC
mode register, as shown in Table 14. The default operation on
power-up and reset of the AD4114 is to operate with the internal
oscillator. The user can use the SINC3_MAPx bits in the filter
configuration registers to fine tune the output data rate and
filter notch at low output data rates.
Internal Oscillator
The internal oscillator runs at 16 MHz and is internally divided
down to 2 MHz for the modulator. The internal oscillator can
be used as the ADC master clock and is the default clock source
for the AD4114, which is specified with an accuracy of −2.5% to
+2.5%.
The internal clock oscillator can be output on the XTAL2/
CLKIO pin. In this case, the clock output is driven to the
IOVDD logic level. This option can affect the dc AD4114
performance because of the disturbance introduced by the
output driver. The extent to which the performance is affected
depends on the IOVDD voltage supply. Higher IOVDD
voltages create a wider logic output swing from the driver and
affect performance to a greater extent. This effect is further
exaggerated if the IOSTRENGTH bit of the interface mode
register is set at higher IOVDD levels (see Table 23).
External Crystal
If higher precision, lower jitter clock sources are required, the
AD4114 can use an external crystal to generate the master clock.
The crystal connects to the XTAL1 and XTAL2/CLKIO pins. The
FA-20H, a 16 MHz, 10 ppm, 9 pF crystal from Epson-Toyocom
is available in a surface-mount package and is acceptable for
this use. As shown in Figure 30, insert two capacitors (CX1 and
CX2) from the traces connecting the crystal to the XTAL1 and
XTAL2/CLKIO pins. These capacitors allow circuit tuning.
Connect these capacitors to the DGND pin. The value for these
capacitors depends on the length and capacitance of the trace
connections between the crystal and the XTAL1 and XTAL2/
CLKIO pins. Therefore, the values of these capacitors differ
depending on the PCB layout and the crystal used.
12
13
AD4114
XTAL1
CX1
1
1DECOUPLE TO DGND
1
CX2
XTAL2/CLKIO
Figure 30. External Crystal Connections
The external crystal circuitry can be sensitive to the SCLK edges
depending on the SCLK frequency, IOVDD voltage, crystal
circuitry layout, and the crystal used. During crystal startup,
any disturbances caused by the SLCK edges can cause double
edges on the crystal input, which results in invalid conversions
until the crystal voltage reaches a high enough level such that
any interference from the SCLK edges is insufficient to cause
double clocking. To avoid this double clocking, ensure that the
crystal circuitry reaches a sufficient voltage level after startup
before applying any serial clocks.
Because of the nature of the crystal circuitry, it is recommended
to perform empirical testing of the circuit under the required
conditions with the final PCB layout and crystal to ensure
correct operation.
External Clock
The AD4114 can also use an externally supplied clock. In systems
where an externally supplied clock is used, the external clock is
routed to the XTAL2/CLKIO pin. In this configuration, the
XTAL2/CLKIO pin accepts the externally sourced clock and
routes the clock input to the modulator. The logic level of this
clock input is defined by the voltage applied to the IOVDD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com