Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4114 Datasheet HTML 17Page - Analog Devices AD4114 Datasheet HTML 18Page - Analog Devices AD4114 Datasheet HTML 19Page - Analog Devices AD4114 Datasheet HTML 20Page - Analog Devices AD4114 Datasheet HTML 21Page - Analog Devices AD4114 Datasheet HTML 22Page - Analog Devices AD4114 Datasheet HTML 23Page - Analog Devices AD4114 Datasheet HTML 24Page - Analog Devices AD4114 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Data Sheet
AD4114
Rev. 0 | Page 21 of 49
ABSOLUTE INPUT PIN VOLTAGES
The AD4114 voltage input pins are specified for an accuracy of
±10 V, specifically for the differential voltage between any two
voltage input pins.
The voltage input pins have separate specifications for the
absolute voltage that can be applied, and the unique design of
the voltage divider network of the analog front end enables
overvoltage robustness on the AD4114, which means the
allowed overvoltages vary depending on the AVDD supply.
Figure 27 and Figure 28 show the different degrees of
robustness that can be achieved for AVDD = 3 V and AVDD =
5 V, respectively. Figure 27 and Figure 28 provide a visual
representation and guidance on how an overvoltage on a
voltage pin can affect the overall device accuracy.
The guaranteed accuracy section of Figure 27 and Figure 28
shows the voltage range that can be applied to a voltage input
pin and achieve guaranteed accuracy.
The no loss of accuracy sections show the voltage levels that can
be applied without degrading the accuracy of other channels.
The no damage to device sections show the allowable positive
and negative voltages that can be applied to a voltage input pin
without exceeding the absolute maximum. The performance of
other channels is degraded, but the performance recovers when
the overvoltage is removed. This voltage range is specified as an
absolute maximum rating of ±65 V.
Operation beyond the maximum operating conditions for
extended periods can affect product reliability.
ABSOLUTE MAXIMUM RATING
ABSOLUTE MAXIMUM RATING
NO DAMAGE TO DEVICE
NO DAMAGE TO DEVICE
GUARANTEED ACCURACY
NO LOSS OF ACCURACY ON OTHER CHANNELS
NO LOSS OF ACCURACY ON OTHER CHANNELS
+65V
–65V
–17V
–12V
+12V
+19V
AVDD = 3V
Figure 27. Absolute Input Pin Voltages, AVDD = 3 V
ABSOLUTE MAXIMUM RATING
ABSOLUTE MAXIMUM RATING
NO DAMAGE TO DEVICE
NO DAMAGE TO DEVICE
GUARANTEED ACCURACY
NO LOSS OF ACCURACY ON OTHER CHANNELS
NO LOSS OF ACCURACY ON OTHER CHANNELS
+65V
–65V
–25V
–20V
+20V
+30V
AVDD = 5V
Figure 28. Absolute Input Pin Voltages, AVDD = 5 V
DATA OUTPUT CODING
When the ADC is configured for unipolar operation, the output
code is natural (straight) binary with a zero differential input
voltage that results in a code of 00 … 00, a midscale voltage that
results in a code of 100 … 000, and a full-scale input voltage
that results in a code of 111 … 111. The output code for any
input voltage is represented with the following equation:
Code = (2N × VIN × 0.1)/VREF
where:
N = 24 (the number of bits).
VIN is the input voltage.
VREF is the reference voltage.
When the ADC is configured for bipolar operation, the output
code is offset binary with a negative full-scale voltage that results in
a code of 000 … 000, a zero differential input voltage that results
in a code of 100 … 000, and a positive full-scale input voltage
that results in a code of 111 … 111. The output code for any
analog input voltage is represented with the following equation:
Code = 2N – 1 × ((VIN × 0.1/VREF) + 1)
AD4114 REFERENCE OPTIONS
The AD4114 provides the reference option of either supplying an
external reference to the REF+ and REF− device pins using
AVDD – AVSS as the reference, or allowing use of the internal
2.5 V, low noise, low drift reference. To select the reference
source to be used by the analog input, set the REF_SELx bits,
Bits[5:4], in the corresponding setup configuration register
appropriately. The structure of the Setup Configuration Register 0
is shown in Table 29. By default, the AD4114 uses an external
reference on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com