Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4114 Datasheet HTML 35Page - Analog Devices AD4114 Datasheet HTML 36Page - Analog Devices AD4114 Datasheet HTML 37Page - Analog Devices AD4114 Datasheet HTML 38Page - Analog Devices AD4114 Datasheet HTML 39Page - Analog Devices AD4114 Datasheet HTML 40Page - Analog Devices AD4114 Datasheet HTML 41Page - Analog Devices AD4114 Datasheet HTML 42Page - Analog Devices AD4114 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Data Sheet
AD4114
Rev. 0 | Page 39 of 49
REGISTER DETAILS
COMMUNICATIONS REGISTER
Address: 0x00, Reset: 0x00, Name: COMMS
All access to the on-chip registers must start with a write to the communications register. This write determines which register is
accessed next and whether that operation is a write or a read.
Table 20. Bit Descriptions for COMMS
Bits
Bit Name
Settings
Description
Reset
Access
7
WEN
This bit must be low to begin communications with the ADC.
0x0
W
6
R/W
This bit determines if the command is a read or write operation.
0x0
W
0
Write command.
1
Read command.
[5:0]
RA
The register address bits determine the register to be read from or written to as part of
the current communication.
0x00
W
000000
Status register.
000001
ADC mode register.
000010
Interface mode register.
000011
Register checksum register.
000100
Data register.
000110
GPIO configuration register.
000111
ID register.
010000
Channel Register 0.
010001
Channel Register 1.
010010
Channel Register 2.
010011
Channel Register 3.
010100
Channel Register 4.
010101
Channel Register 5.
010110
Channel Register 6.
010111
Channel Register 7.
011000
Channel Register 8.
011001
Channel Register 9.
011010
Channel Register 10.
011011
Channel Register 11.
011100
Channel Register 12.
011101
Channel Register 13.
011110
Channel Register 14.
011111
Channel Register 15.
100000
Setup Configuration Register 0.
100001
Setup Configuration Register 1.
100010
Setup Configuration Register 2.
100011
Setup Configuration Register 3.
100100
Setup Configuration Register 4.
100101
Setup Configuration Register 5.
100110
Setup Configuration Register 6.
100111
Setup Configuration Register 7.
101000
Filter Configuration Register 0.
101001
Filter Configuration Register 1.
101010
Filter Configuration Register 2.
101011
Filter Configuration Register 3.
101100
Filter Configuration Register 4.
101101
Filter Configuration Register 5.
101110
Filter Configuration Register 6.
101111
Filter Configuration Register 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com