Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 40 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD4114 Datasheet HTML 36Page - Analog Devices AD4114 Datasheet HTML 37Page - Analog Devices AD4114 Datasheet HTML 38Page - Analog Devices AD4114 Datasheet HTML 39Page - Analog Devices AD4114 Datasheet HTML 40Page - Analog Devices AD4114 Datasheet HTML 41Page - Analog Devices AD4114 Datasheet HTML 42Page - Analog Devices AD4114 Datasheet HTML 43Page - Analog Devices AD4114 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
AD4114
Data Sheet
Rev. 0 | Page 40 of 49
Bits
Bit Name
Settings
Description
Reset
Access
110000
Offset Register 0.
110001
Offset Register 1.
110010
Offset Register 2.
110011
Offset Register 3.
110100
Offset Register 4.
110101
Offset Register 5.
110110
Offset Register 6.
110111
Offset Register 7.
111000
Gain Register 0.
111001
Gain Register 1.
111010
Gain Register 2.
111011
Gain Register 3.
111100
Gain Register 4.
111101
Gain Register 5.
111110
Gain Register 6.
111111
Gain Register 7.
STATUS REGISTER
Address: 0x00, Reset: 0x80, Name: Status
The status register is an 8-bit register that contains ADC and serial interface status information. The register can optionally be appended
to the data register by setting the DATA_STAT bit in the interface mode register.
Table 21. Bit Descriptions for STATUS
Bits
Bit Name
Settings
Description
Reset
Access
7
RDY
The status of RDY is output to the DOUT/RDY pin when CS is low and a register is not
being read. This bit goes low when the ADC writes a new result to the data register. In
ADC calibration modes, this bit goes low when the ADC writes the calibration result.
RDY is brought high automatically by a read of the data register.
0x1
R
0
New data result available.
1
Awaiting new data result.
6
ADC_ERROR
By default, this bit indicates if an ADC overrange or underrange occurred. The ADC
result is clamped to 0xFFFFFF for overrange errors and 0x000000 for underrange
errors. This bit is updated when the ADC result is written and is cleared at the next
update after removing the overrange or underrange condition.
0x0
R
0
No error.
1
Error.
5
CRC_ERROR
This bit indicates if a CRC error occurred during a register write. For register reads, the
host microcontroller determines if a CRC error occurred. This bit is cleared by a read of
this register.
0x0
R
0
No error.
1
CRC error.
4
REG_ERROR
This bit indicates if the content of one of the internal registers changes from the value
calculated when the register integrity check is activated. The check is activated by
setting the REG_CHECK bit in the interface mode register. This bit is cleared by
clearing the REG_CHECK bit.
0x0
R
0
No error.
1
Error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com