Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 16 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 16 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 12Page - VIA Technologies, Inc. VT6307 Datasheet HTML 13Page - VIA Technologies, Inc. VT6307 Datasheet HTML 14Page - VIA Technologies, Inc. VT6307 Datasheet HTML 15Page - VIA Technologies, Inc. VT6307 Datasheet HTML 16Page - VIA Technologies, Inc. VT6307 Datasheet HTML 17Page - VIA Technologies, Inc. VT6307 Datasheet HTML 18Page - VIA Technologies, Inc. VT6307 Datasheet HTML 19Page - VIA Technologies, Inc. VT6307 Datasheet HTML 20Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-10-
Pinouts
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Pin Descriptions
Table 3. Pin Descriptions
PCI Bus Interface
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Signal Description
AD[31:0]
97-101, 104-
106,
109-110, 112,
116-120, 5-
7,10-14, 17-
19,
21-23, 27-28
94-98, 101-
103, 106-
107, 109,
113-117, 2-
4, 7-11, 14-
16, 18-20,
24-25
IO
Address / Data Bus. The standard PCI address and data lines. The
address is driven with FRAME# assertion and data is driven or received
in following cycles.
CBE[3:0]#
107, 122, 4,
15
104, 119, 1,
12
IO
Command / Byte Enable.
The command is driven with FRAME#
assertion. Byte enables corresponding to supplied or requested data are
driven on following clocks.
FRAME#
123
120
IO
Frame.
Assertion indicates the address phase of a PCI transfer.
Negation indicates that one more data transfer is desired by the cycle
initiator.
DEVSEL#
127
124
IO
Device Select.
As an output, this signal is asserted to claim PCI
transactions through positive or subtractive decoding.
As an input,
DEVSEL# indicates the response to a VT6306-initiated transaction and is
also sampled when decoding whether to subtractively decode the cycle.
TRDY#
126
123
IO
Target Ready. Asserted when the target is ready for data transfer.
IRDY#
124
121
IO
Initiator Ready. Asserted when the initiator is ready for data transfer.
PREQ#
96
93
O
PCI Bus Request. Asserted by the bus master to indicate to the bus
arbiter that it wants to use the bus.
PGNT#
95
92
I
PCI Bus Grant. Asserted to indicate that access to the bus is granted.
IDSEL
108
105
I
Initialization Device Select.
IDSEL is used as a chip select during
configuration read and write cycles.
INTA#
91
88
O
Interrupt. An asynchronous signal used to request an interrupt.
PCICLK
93
90
I
PCI Clock. Timing reference for all transactions on the PCI Bus.
PCIRST#
92
89
I
Reset.
When detected low, an internal hardware reset is performed.
PCIRST# assertion or deassertion may be asynchronous to PCLK,
however, it is recommended that deassertion be synchronous to guarantee
a clean and bounce free edge.
PAR
3
128
IO
Parity. A single parity bit is provided over AD[31:0] and C/BE[3:0]#.
PERR#
2
127
O
Parity Error.
Parity error is asserted when a data parity error is
detected.
STOP#
128
125
IO
Stop. Asserted by the target to request the master to stop the current
transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com