Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 19 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 19 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 15Page - VIA Technologies, Inc. VT6307 Datasheet HTML 16Page - VIA Technologies, Inc. VT6307 Datasheet HTML 17Page - VIA Technologies, Inc. VT6307 Datasheet HTML 18Page - VIA Technologies, Inc. VT6307 Datasheet HTML 19Page - VIA Technologies, Inc. VT6307 Datasheet HTML 20Page - VIA Technologies, Inc. VT6307 Datasheet HTML 21Page - VIA Technologies, Inc. VT6307 Datasheet HTML 22Page - VIA Technologies, Inc. VT6307 Datasheet HTML 23Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-13-
Pinouts
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Serial Configuration Memory / I2C Interface
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Signal Description
EECS
29
26
O
EEPROM Chip Select. Chip select for external serial EEPROM
when used to provide configuration data. Pull high EEPROM or I2C
auto loading to PHY digital power will disable.
EEDO
30
27
O
EEPROM Data Out.
EEDI / SDA
31
28
I / IO
EEPROM Data In / I2C Data.
EECK / SCL
32
29
O / IO
EEPROM Clock / I2C Clock.
Miscellaneous
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Signal Description
PME#
37
34
O
Power Management Event.
NC
38, 40, 42,
43, 44, 45, 48
51-57, 67, 84-
88
35, 37, 39, 40,
41, 42, 45, 48-
54, 64, 81-85
-
Reserved.
Digital Power
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Signal Description
VCC
8, 20, 24,
33, 35,102,
113, 114,
125
5, 17, 21,
30, 32, 99,
110, 111,
122
P
PCI Power. 3.3V ±0.3V.
Analog Power
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Signal Description
PVD
39, 49
36, 46
P
PHY. Digital Power. 3.3V ±0.3V.
PVA
62, 65, 75,
76, 89, 90
59, 62, 72,
73, 86, 87
P
PHY. Analog Power for 1394 Receive Channel 0. 3.3V ±0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com