Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 18 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 18 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 14Page - VIA Technologies, Inc. VT6307 Datasheet HTML 15Page - VIA Technologies, Inc. VT6307 Datasheet HTML 16Page - VIA Technologies, Inc. VT6307 Datasheet HTML 17Page - VIA Technologies, Inc. VT6307 Datasheet HTML 18Page - VIA Technologies, Inc. VT6307 Datasheet HTML 19Page - VIA Technologies, Inc. VT6307 Datasheet HTML 20Page - VIA Technologies, Inc. VT6307 Datasheet HTML 21Page - VIA Technologies, Inc. VT6307 Datasheet HTML 22Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-12-
Pinouts
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Cable Interface and PHY Signals
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Signal Description
XTPA0P
73
70
IO
Port 0 Twisted Pair A Positive.
XTPA0M
72
69
IO
Port 0 Twisted Pair A Negative.
XTPB0P
71
68
IO
Port 0 Twisted Pair B Positive.
XTPB0M
70
67
IO
Port 0 Twisted Pair B Negative.
XTPA1P
80
77
IO
Port 1 Twisted Pair A Positive.
XTPA1M
79
76
IO
Port 1 Twisted Pair A Negative.
XTPB1P
78
75
IO
Port 1 Twisted Pair B Positive.
XTPB1M
77
74
IO
Port 1 Twisted Pair B Negative.
XTPBIAS0
XTPBIAS1
74
81
71
78
O
Port 2-0 Twisted Pair Bias Voltages.
Provides 1.85V
(typical) nominal bias for proper operation of the twisted-pair
cable drivers and receivers, and for signaling to the remote
nodes that the cable connections are active. High-impedance
during chip reset or power down. Can be disabled via remote
packets or via software. Each of these pins must be decoupled
with a 0.33-uF capacitor to ground.
XCPS
63
60
I
Cable Power Status. This pin is normally connected to the
cable power through an 11K Ohm / 1K Ohm voltage divider.
An internal comparator is used to detect the presence of cable
power.
XREXT
66
63
A
External Resistor. A 6.34K Ohm ±1% resistor to ground is
required for internal current source operation.
XI
60
57
I
Crystal Input.
These pins must be connected to a 24.576
MHz parallel resonant fundamental mode crystal.
XO
61
58
O
Crystal Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com