Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 25 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 25 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 21Page - VIA Technologies, Inc. VT6307 Datasheet HTML 22Page - VIA Technologies, Inc. VT6307 Datasheet HTML 23Page - VIA Technologies, Inc. VT6307 Datasheet HTML 24Page - VIA Technologies, Inc. VT6307 Datasheet HTML 25Page - VIA Technologies, Inc. VT6307 Datasheet HTML 26Page - VIA Technologies, Inc. VT6307 Datasheet HTML 27Page - VIA Technologies, Inc. VT6307 Datasheet HTML 28Page - VIA Technologies, Inc. VT6307 Datasheet HTML 29Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-19-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Register Descriptions
Link Controller Configuration Registers (PCI Function 0)
The 1394 host controller interface follows the Open HCI
(OHCI) interface specification. There are two sets of software
accessible registers: configuration registers and memory
registers.
The configuration registers are located in the
function 0 PCI configuration space. The memory registers are
located in system memory space at offsets from the address
stored in the Base Address Register.
Configuration Space Header
Offset 1-0 - Vendor ID....................................................... RO
0-7
Vendor ID
................. (1106h = VIA Technologies)
Offset 3-2 - Device ID ........................................................ RO
0-7
Device ID
..... (3044h = VT6307 1394a Controller)
Offset 5-4 - Command ...................................................... RW
15-10 Reserved
........................................ always reads 0
9
Fast Back-to-Back Enable ........ fixed at 0 (disabled)
8
SERR# Enable ........................... fixed at 0 (disabled)
7
Wait Cycle Control ................... fixed at 0 (disabled)
6
Parity Error Response .............. fixed at 0 (disabled)
5
VGA Palette Snoop ................... fixed at 0 (disabled)
4
Postable Memory Write Enablefixed at 0 (disabled)
3
Special Cycle Enable ................. fixed at 0 (disabled)
2
Bus Master Enable
0
Disable................................................... default
1
Enable
1
Memory Space Enable
0
Disable................................................... default
1
Enable Access to 1394 Memory Registers
0
I/O Space Enable ....................... fixed at 0 (disabled)
Offset 7-6 - Status........................................................... RWC
15
Detected Parity Error.........................always reads 0
14
Signaled System Error .......................always reads 0
13
Received Master Abort
0
No Master Abort Generated................... default
1
Master Abort Generated by 1394 Controller.
Set by the 1394 interface logic if it generates a
master abort while acting as a master. This bit
may be cleared by software by writing a one to
this bit position.
12
Received Target Abort
0
No Target Abort Received ..................... default
1
Target Abort Received by 1394 Controller.
Set by the 1394 interface logic if it receives a
target abort while acting as a master. This bit
may be cleared by software by writing a one to
this bit position.
11
Signaled Target Abort........................always reads 0
10-9 DEVSEL# Timing
00 Fast
01 Medium.....................................................fixed
10 Slow
11 Reserved
8
Data Parity Error Detected ...............always reads 0
7
Fast Back-to-Back Capable ...............always reads 1
6
User Definable Features .....................always reads 0
5
66 MHz Capable .................................always reads 0
4-0
Reserved
........................................always reads 0
Offset 8 - Revision ID (nnh) ............................................... RO
7-0
Silicon Revision Code (0 indicates first silicon)
Offset 9 - Programming Interface (10h=OHCI) ............... RO
Offset A - Sub Class Code (00h=1394 Serial Bus) ............ RO
Offset B - Base Class Code (0Ch=Serial Bus Controller) .. RO
Offset D - Latency Timer (00h) ........................................ RW
7-4
Latency Timer Count
PCI burst cycles generated by the VT6307 can last
indefinitely as long as PCI GNT# remains active. If
GNT# is negated after the burst is initiated, the
VT6307 limits the duration of the burst to the number
of PCI Bus clocks specified in this field.
3-0
Reserved
........................................always reads 0
Offset E - Header Type (00h) ............................................ RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com