Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 43 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 43 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 39Page - VIA Technologies, Inc. VT6307 Datasheet HTML 40Page - VIA Technologies, Inc. VT6307 Datasheet HTML 41Page - VIA Technologies, Inc. VT6307 Datasheet HTML 42Page - VIA Technologies, Inc. VT6307 Datasheet HTML 43Page - VIA Technologies, Inc. VT6307 Datasheet HTML 44Page - VIA Technologies, Inc. VT6307 Datasheet HTML 45Page - VIA Technologies, Inc. VT6307 Datasheet HTML 46Page - VIA Technologies, Inc. VT6307 Datasheet HTML 47Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-37-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
PHY Registers
The PHY registers are accessed through the PHY Control
register at Memory Offset 0ECh.
PHY Register Overview
Offset
7
6
5
4
3
2
1
0
0000b
PS
R
Physical ID
0001b
Gap Count
IBR
RHB
0010b
Total Ports
-
Extended
0011b
Delay
-
Max Speed
0100b
Power Class
Jitter
Cont
LC
0101b Multi Accel
PE
Tout
PF
Loop ISBR
WT
0110b
-reserved-
0111b
Port Select
-
Page Select
1000b
Register 0 (Page Select)
1001b
Register 1 (Page Select)
1010b
Register 2 (Page Select)
1011b
Register 3 (Page Select)
1100b
Register 4 (Page Select)
1101b
Register 5 (Page Select)
1110b
Register 6 (Page Select)
1111b
Register 7 (Page Select)
PHY Register Bit Field Descriptions
Field
Bits Type Def Description
Physical_ID
6
R
-
The address of this node determined
during self-identification. A value
of 63 indicates a malconfigured bus
where the link must not transmit any
packets.
R
1
R
-
A setting of one indicates that this
node is the root.
PS
1
R
-
Cable Power status.
RHB
1
RW
0
Root hold-off bit. A setting of one
instructs the chip to attempt to
become the root during the next tree
identification process.
IBR
1
RW
0
Initiate bus reset. A setting of one
instructs the chip to initiate a bus
reset
immediately
(without
arbitration).
This causes assertion
of the reset state for 166 us and is
self-clearing.
Gap Count
6
RW
3Fh Used to configure the arbitration
timer setting in order to optimize
gap times according to the topology
of the bus.
Extended
3
R
111 Constant value of seven
Total Ports
5
R
011 Three ports
Max Speed
3
R
010 Supports
98.304,
196.608,
and
393.216 Mbit/s
Delay
4
R
0
Worse case repeater delay = 144 ns
Link Control
1
RW
1
Link Control.
Cleared or set by
software to control the value of the
L bit transmitted in the node’s Self-
ID packet 0.
PHY Register Bit Field Descriptions (continued)
Contender
1
RW
Pin
CMC
Contender.
Cleared
or
set
by
software to control the value of the
C bit transmitted in the first self-ID
packet.
Power Class
3
RW
Pins
PC
[0:2]
Power class. This information will
be copied to bits 21-23 of the first
self-ID packet.
Jitter
3
R
0
Repeater delay; 20ns variation max
WT
1
RW
0
Watchdog
enable.
Controls
whether loop, power fail, and
timeout interrupts are indicated to
the link when the link is in sleep.
Also determines whether interrupts
are indicated to the internal link
when resume operations start from
any port.
ISBR
1
RW
0
Initiate short (arbitrated) bus reset.
A write of one to this bit instructs
the chip to arbitrate and issue a
short bus reset.
This bit is self-
clearing.
Loop
1
RW
0
Loop detect. A write of one to this
bit clears it to zero.
Power Fail
1
RW
1
Cable power failure detect. Set to
one when the PS bit changes from
one to zero. A write of one to this
bit clears it to zero.
Timeout
1
RW
0
Arbitration state machine timeout.
A write of one to this bit clears it
to zero.
Port Event
1
RW
0
Port event detect. The chip sets
this bit to one if any of connected,
Bias, Disabled or Fault change for
a port whose Int_enable bit is one.
The chip also sets this bit to one if
resume operations commence for
any port and Resume_int is one. A
write of one to this bit clears it to
zero.
Enable
Acceleration
1
RW
0
Enable
arbitration
acceleration.
When set to one, the chip must use
the enhancements specification in
IEEE P1394a 4.0.
Enable Multi
1
RW
0
Enable
multi-speed
packet
concatenation.
Page Select
3
RW
000
Selects which of eight possible
PHY register pages are accessible
through
the
window
at
PHY
register address 1000b through
1111b, inclusive.
Port Select
4
RW
0000 If the page selected by Page_select
presents per port information, this
field selects which port’s registers
are accessible through the window
at PHY register addresses 1000b
through 1111b, inclusive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com