Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 48 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 48 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 44Page - VIA Technologies, Inc. VT6307 Datasheet HTML 45Page - VIA Technologies, Inc. VT6307 Datasheet HTML 46Page - VIA Technologies, Inc. VT6307 Datasheet HTML 47Page - VIA Technologies, Inc. VT6307 Datasheet HTML 48Page - VIA Technologies, Inc. VT6307 Datasheet HTML 49Page - VIA Technologies, Inc. VT6307 Datasheet HTML 50Page - VIA Technologies, Inc. VT6307 Datasheet HTML 51Page - VIA Technologies, Inc. VT6307 Datasheet HTML 52Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-42-
Functional Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Twisted-Pair TPA and TPB
The line drivers operate in a high-impedance current mode, and are designed to work with external 110 Ohm line-termination
resistor networks in order to match the 110 Ohm cable impedance. One network is provided at each end of all twisted-pair cable.
Each network is composed of a pair of series-connected 55 Ohm resistors. The midpoint of the pair of resistors that is directly
connected to the twisted-pair TPA pins is connected to its corresponding XTPBIAS pin. The midpoint of the pair of resistors that is
directly connected to the twisted-pair B pins is coupled to ground through a parallel RC network with recommended values of 5K
Ohm and 270 pF. The values of the external line termination resistors are designed to meet the standard specifications when
connected in parallel with the internal receiver circuits.
Bandgap Current Generation
An external resistor connected between the XRES pin and ground sets the driver output current, as well as internal operating
currents. This current setting resistor has a value of 6.34K Ohm +/- 1%.
Power Off
When the power supply of the VT6307 is removed while the twisted-pair cables are connected, the VT6307 transmitter / receiver
circuitry and the XTPBIAS pin presents a high impedance state. As the consequence, peer PHYs see the VT6307 as unconnected.
Unimplemented Ports
When the VT6307 is used with one or more of the ports not brought out to a connector, some of the twisted-pair pins of the unused
ports can be left unconnected to reduce implementation cost. For each unused port, the XTPBIAS pins can be tied to analog power
(VCCA) for more reliable operation. The XTPAP, XTPAM, XTPBP and XTPBM pins of an unused port can be left unconnected.
CMC, PC0, PC1, PC2 Strapping
CMC and PC[0:2] are used as strapping pins to set the default value for four configuration status bits in the self-ID packet and
should be hard-wired high or low as a function of the equipment design. The PC0, PC1, and PC2 pins are used to indicate the
default power-class status for the node (the need for power from the cable or the ability to supply power to the cable). The CMC
pin is used as an input to indicate that the node is a contender for bus manager.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com