Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 8 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 8 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 4Page - VIA Technologies, Inc. VT6307 Datasheet HTML 5Page - VIA Technologies, Inc. VT6307 Datasheet HTML 6Page - VIA Technologies, Inc. VT6307 Datasheet HTML 7Page - VIA Technologies, Inc. VT6307 Datasheet HTML 8Page - VIA Technologies, Inc. VT6307 Datasheet HTML 9Page - VIA Technologies, Inc. VT6307 Datasheet HTML 10Page - VIA Technologies, Inc. VT6307 Datasheet HTML 11Page - VIA Technologies, Inc. VT6307 Datasheet HTML 12Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-2-
Features
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
•••• Integrated 400 Mbit 2-Port PHY
− Supports provisions of IEEE 1394-1995 Standard for High Performance Serial Bus 1.0 and 1394a-2000
− Fully interoperable with IEEE Std 1394-1995 devices
− Full 1394a-2000 Support includes:
− Arbitrated short reset
− Enhanced priority arbitration
− Connection debounce
− Multispeed packet concatenation
− Ack accelerated arbitration
− Fly-by concatenation
− Per port disable, suspend, resume, through register write and remote command packet
− Remote access packet
− Boundary node short reset
− No PHY_ID wrap past 63
− Provides two 1394a fully compliant cable ports at 100 / 200 / 400 Mbit per second
− Host notification of PHY LinkOn events
− Logic performs bus initialization and arbitration functions
− Encode and decode functions included for data-strobe bit-level encoding
− Incoming data resynchronized to local clock.
− 24.576 MHz crystal oscillator and PLL provide TX/RX data at 100/200/400 Mbps and Link-Layer Controller clock
at 49.152 MHz.
− Cable power presence monitoring.
− Programmable node power class information for system power management
− Fully Compliant 1394a-2000 PHY register map
− Separate TPBIAS for each port
− Cable ports monitor line conditions for active connection to remote node
− Automatic power down inactive circuit and logic for low power application
− Self power up reset and pinless PLL to reduce passive component counts on system
− Automatic configuration to single-port, two-port, and three-port applications; unused ports power down
automatically
− Dedicated power supply pins separate from link core
− 2KV ESD protection
•••• 3.3V Power Supply with 5V Tolerant Inputs
•••• 0.3 um, Low Power CMOS Process
•••• Three Package Types Available
− VT6307 – 128-Pin PQFP (14x20 mm body with 0.5 mm lead pitch)
− VT6307L – 128-Pin LQFP (14x20 mm body with 0.5 mm lead pitch)
− VT6307S – 128-Pin LQFP (14x14 mm body with 0.4 mm lead pitch)
•••• PCB Reference Designs & Schematics Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com