Electronic Components Datasheet Search
  English  ▼

X  

VT6307 Datasheet(PDF) 7 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 7 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 3Page - VIA Technologies, Inc. VT6307 Datasheet HTML 4Page - VIA Technologies, Inc. VT6307 Datasheet HTML 5Page - VIA Technologies, Inc. VT6307 Datasheet HTML 6Page - VIA Technologies, Inc. VT6307 Datasheet HTML 7Page - VIA Technologies, Inc. VT6307 Datasheet HTML 8Page - VIA Technologies, Inc. VT6307 Datasheet HTML 9Page - VIA Technologies, Inc. VT6307 Datasheet HTML 10Page - VIA Technologies, Inc. VT6307 Datasheet HTML 11Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-1-
Features
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
VT6307
PCI 1394A INTEGRATED HOST CONTROLLER
1394A-2000 / 1394-1995
OHCI LINK LAYER CONTROLLER
WITH
INTEGRATED 2-PORT 400 MBIT PHY
FOR THE
PCI BUS
•••• Single Chip PCI Host Controller for IEEE 1394-1995 Release 1.0 and IEEE 1394a-2000
•••• Pin Compatible with VIA VT6306 1394a PCI Host Controller
•••• Embedded 1394 Link Core
− 32 bit CRC generator and checker for receive and transmit data
− On-chip isochronous and asynchronous receive and transmit FIFOs for packets (2K for general receive plus 2K for
isochronous transmit plus 2K for asynchronous transmit)
− 8 isochronous transmit contexts
− 4 isochronous receive contexts
− 3-deep physical post-write queue
− 2-deep physical response queue
− Dual buffer mode enhancements
− Skip Processing enhancements
− Block Read Request handling
− Ack_tardy processing
•••• OHCI Compliant Programming Interface
− Compliant with 1394 Open HCI Specifications v1.0 and v1.1
− Descriptor based isochronous and asynchronous DMA channels for receive / transmit packets
•••• 32-Bit Power-Managed PCI Bus Interface
− Compliant with PCI specification v2.2
− High-performance bus mastering support
− Byte alignment to run in little-endian (x86/PCI) environment
− Compliant with PCI Bus Power Management Specification v1.1
− Supports power states D0, D1, D2, D3hot, and D3cold
− Supports CardBus interface
•••• Supports I2C EEPROM and 4-Wire Serial ROM with GUID PROM Shadow to EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com