Electronic Components Datasheet Search
  English  ▼

X  

HT46C23 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46C23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
HT46R23/HT46C23
Rev. 1.60
9
May 3, 2004
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic operations.
The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation but
also changes the status register.
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PDF), and watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
With the exception of the TO and PDF flags, bits in
the status register can be altered by instructions like
most other registers. Any data written into the status
register will not change the TO or PDF flag. In addi-
tion operations related to the status register may give
different results from those intended. The TO flag
can be affected only by system power-up, a WDT
time-out or executing the
²CLR WDT² or ²HALT² in-
struction. The PDF flag can be affected only by exe-
cuting the
²HALT² or ²CLR WDT² instruction or a
system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The device provides an external interrupt, an internal
timer/event counter interrupt, the A/D converter interrupt
and the I
2C Bus interrupts. The interrupt control register
0 (INTC0;0BH) and interrupt control register 1
(INTC1;1EH) contains the interrupt control bits to set the
enable or disable and the interrupt request flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may happen during this interval but
only the interrupt request flag is recorded. If a certain in-
terrupt requires servicing within the service routine, the
EMI bit and the corresponding bit of INTC0 and INTC1
may be set to allow interrupt nesting. If the stack is full,
the interrupt request will not be acknowledged, even if the
related interrupt is enabled, until the SP is decremented.
If immediate service is desired, the stack must be pre-
vented from becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at specified location in the pro-
gram memory. Only the program counter is pushed onto
the stack. If the contents of the register or status register
(STATUS) are altered by the interrupt service program
which corrupts the desired control sequence, the con-
tents should be saved in advance.
External interrupts are triggered by a high to low transi-
tion of INT and the related interrupt request flag (EIF; bit
4 of INTC0) will be set. When the interrupt is enabled,
the stack is not full and the external interrupt is active, a
subroutine call to location 04H will occur. The interrupt
request flag (EIF) and EMI bits will be cleared to disable
other interrupts.
Labels
Bits
Function
C0
C is set if the operation results in a carry during an addition operation or if a borrow does not take
place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate through
carry instruction.
AC
1
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from the
high nibble into the low nibble in subtraction; otherwise AC is cleared.
Z
2
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
OV
3
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the high-
est-order bit, or vice versa; otherwise OV is cleared.
PDF
4
PDF is cleared by system power-up or executing the
²CLR WDT² instruction. PDF is set by exe-
cuting the
²HALT² instruction.
TO
5
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is set
by a WDT time-out.
¾
6, 7
Unused bit, read as
²0²
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com