Electronic Components Datasheet Search
  English  ▼

X  

HT46C23 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46C23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
HT46R23/HT46C23
Rev. 1.60
25
May 3, 2004
Receive Acknowledge Bit
When the receiver wants to continue to receive the next data byte, it generates an acknowledge bit (TXAK) at the 9th
clock. The transmitter checks the acknowledge bit (RXAK) to continue to write data to the I
2C Bus or change to receive
mode and dummy read the HDR register to release the SDA line and the master sends the STOP signal.
Options
The following table shows all kinds of options in the microcontroller. All of the options must be defined to ensure proper
system function.
No.
Options
1
OSC type selection.
This option is to decide if an RC or crystal oscillator is chosen as system clock.
2
WDT source selection.
There are three types of selection: on-chip RC oscillator, instruction clock or disable the WDT.
3
CLRWDT times selection.
This option defines how to clear the WDT by instruction.
²One time² means that the CLR WDT instruction can
clear the WDT.
²Two times² means only if both of the CLR WDT1 and CLR WDT2 instructions have been exe-
cuted, then WDT can be cleared.
4
Wake-up selection.
This option defines the wake-up function activity. External I/O pins (PA only) all have the capability to wake-up
the chip from a HALT.
5
Pull-high selection.
This option is to decide whether a pull-high resistance is visible or not in the input mode of the I/O ports.
PA0~PA7, can be independently selected.
6
PFD selection:
PA3: level output or PFD output
7
PWM selection: (7+1) or (6+2) mode
PD0: level output or PWM0 output
PD1: level output or PWM1 output
8
WDT time-out period selection.
There are four types of selection: WDT clock source divided by 2
12,213,214 and 215
9
Low voltage reset selection: Enable or disable LVR function.
10
I
2C Bus selection:
PA6 and PA7: I/O or I
2C Bus function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com