Electronic Components Datasheet Search
  English  ▼

X  

HT46C23 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46C23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
HT46R23/HT46C23
A/D Type 8-Bit MCU
I
2
C is a trademark of Philips Semiconductors.
Rev. 1.60
1
May 3, 2004
General Description
The HT46R23/HT46C23 are 8-bit, high performance,
RISC architecture microcontroller devices specifically
designed for A/D applications that interface directly to
analog signals, such as those from sensors. The mask
version HT46C23 is fully pin and functionally compatible
with the OTP version HT46R23 device.
The advantages of low power consumption, I/O flexibil-
ity, programmable frequency divider, timer functions,
oscillator options, multi-channel A/D Converter, Pulse
Width Modulation function, I
2C interface, HALT and
wake-up functions, enhance the versatility of these de-
vices to suit a wide range of A/D application possibilities
such as sensor signal processing, motor driving, indus-
trial control, consumer products, subsystem controllers,
etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 23 bidirectional I/O lines (max.)
· 1 interrupt input shared with an I/O line
· 16-bit programmable timer/event counter with
overflow interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer
· 4096´15 program memory
· 192´8 data memory RAM
· Supports PFD for sound generation
· HALT function and wake-up feature reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 8-level subroutine nesting
· 8 channels 10-bit resolution A/D converter
· 2-channel 8-bit PWM output shared with two I/O lines
· Bit manipulation instruction
· 15-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· I2C Bus (slave mode)
· 24/28-pin SKDIP/SOP packages


Similar Part No. - HT46C23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C232 HOLTEK-HT46C232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
More results

Similar Description - HT46C23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
8-Bit A/D Type MCU
October 2, 2002
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
A/D Type 8-Bit MCU
May 3, 2004
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
A/D Type 8-Bit MCU
May 3, 2004
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
A/D Type 8-Bit MCU
March 2, 2006
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
A/D Type 8-Bit MCU
March 9, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
A/D Type 8-Bit MCU
December 29, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com