Electronic Components Datasheet Search
  English  ▼

X  

HT46C23 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46C23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
HT46R23/HT46C23
Rev. 1.60
20
May 3, 2004
Low Voltage Reset
- LVR
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~3.3V, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their
original state to exceed 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and do not
perform a reset function.
· The LVR uses the
²OR² function with the external RES
signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note: VOPR is the voltage range for proper chip
operation at 4MHz system clock.
I
2C Bus Serial Interface
I
2C Bus is implemented in the device. The I2C Bus is a
bidirectional two-wire lines. The data line and clock line
are implement in SDA pin and SCL pin. The SDA and
SCL are NMOS open drain output pin. They must con-
nect a pull-high resistor respectively.
Using the I
2C Bus, the device has two ways to transfer
data. One is in slave transmit mode, the other is in slave
receive mode. There are four registers related to I
2C
Bus; HADR([20H]), HCR([21H]), HSR([22H]),
HDR([23H]). The HADR register is the slave address
setting of the device, if the master sends the calling ad-
dress which match, it means that this device is selected.
The HCR is I
2C Bus control register which defines the
device enable or disable the I
2C Bus as a transmitter or
as a receiver. The HSR is I
2C Bus status register, it re-
sponds with the I
2C Bus status. The HDR is input/output
data register, data to transmit or receive must be via the
HDR register.
The I
2C Bus control register contains three bits. The
HEN bit define the enable or disable the I
2C Bus. If the
data wants transfer via I
2C Bus, this bit must be set. The
HTX bit defines whether the I
2C Bus is in transmit or re-
ceive mode. If the device is as a transmitter, this bit must
be set to
²1². The TXAK defines the transmit acknowl-
edge signal, when the device received 8-bit data, the
device sends this bit to I
2C Bus at the 9th clock. If the re-
ceiver wants to continue to receive the next data, this bit
must be reset to
²0² before receiving data.
The I
2C Bus status register contains 5 bits. The HCF bit
is reset to
²0² when one data byte is being transferred. If
one data transfer is completed, this bit is set to
²1². The
HASS bit is set
²1² when the address is match, and the
I
2C Bus interrupt request flag is set to ²1². If the interrupt
is enabled and the stack is not full, a subroutine call to
location 10H will occur. Writing data to the I
2C Bus con-
7 6 t A D
A / D c o n v e r s i o n t i m e
7 6 t A D
A / D c o n v e r s i o n t i m e
0 0 0 B
0 0 0 B
1 0 0 B
0 1 0 B
0 0 0 B
S T A R T
E O C B
P C R 2 ~ P C R 0
A C S 2 ~ A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e P B c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
1 . P B p o r t s e t u p a s I / O s
2 . A / D c o n v e r t e r i s p o w e r e d o f f
t o r e d u c e p o w e r c o n s u m p t i o n
A / D c l o c k m u s t b e f S Y S / 2 , f S Y S / 8 o r f S Y S / 3 2
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
1 0 0 B
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
3 2 t A D
M i n i m u m o n e i n s t r u c t i o n c y c l e n e e d e d
d o n ' t c a r e
A / D s a m p l i n g t i m e
3 2 t A D
E n d o f A / D
c o n v e r s i o n
A/D Conversion Timing
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com