| Electronic Components Datasheet Search |
|
HT46C23 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46C23 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc |
|
23 / 48 page ![]() HT46R23/HT46C23 Rev. 1.60 23 May 3, 2004 S t a r t H A A S = 1 ? H T X = 1 ? S R W = 1 ? Y e s N o Y e s N o R X A K = 1 ? Y e s N o N o R e a d f r o m H D R R E T I Y e s D u m m y R e a d f r o m H D R R E T I R E T I W r i t e t o H D R S E T H T X W r i t e t o H D R D u m m y R e a d F r o m H D R C L R H T X C L R T X A K R E T I R E T I C L R H T X C L R T X A K Start Signal The START signal is generated only by the master de- vice. The other device in the bus must detect the START signal to set the I 2C Bus busy bit (HBB). The START sig- nal is SDA line from high to low, when SCL is high. Slave Address The master must select a device for transferring the data by sending the slave device address after the START signal. All device in the I 2C Bus will receive the I 2C Bus slave address (7 bits) to compare with its own slave address (7 bits). If the slave address is matched, the slave device will generate an interrupt and save the following bit (8th bit) to SRW bit and sends an acknowl- edge bit (low level) to the 9th bit. The slave device also sets the status flag (HAAS), when the slave address is matched. In interrupt subroutine, check HAAS bit to know whether the I 2C Bus interrupt comes from a slave address that is matched or a data byte transfer is completed. When the slave address is matched, the device must be in trans- mit mode or receive mode and write data to HDR or dummy read from HDR to release the SCL line. SRW Bit The SRW bit means that the master device wants to read from or write to the I 2C Bus. The slave device check this bit to understand itself if it is a transmitter or a receiver. The SRW bit is set to ²1² means that the mas- ter wants to read data from the I 2C Bus, so the slave de- vice must write data to a bus as a transmitter. The SRW is cleared to ²0² means that the master wants to write data to the I 2C Bus, so the slave device must read data from the I 2C Bus as a receiver. S C L S D A Start Bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |