| Electronic Components Datasheet Search |
|
HT46C23 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46C23 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc |
|
24 / 48 page ![]() HT46R23/HT46C23 Rev. 1.60 24 May 3, 2004 D a t a 1 0 1 0 0 1 0 0 1 0 0 1 0 1 0 1 1 S = S t a r t ( 1 b i t ) S A = S l a v e A d d r e s s ( 7 b i t s ) S R = S R W b i t ( 1 b i t ) M = S l a v e d e v i c e s e n d a c k n o w l e d g e b i t ( 1 b i t ) D = D a t a ( 8 b i t s ) A = A C K ( R X A K b i t f o r t r a n s m i t t e r , T X A K b i t f o r r e c e i v e r 1 b i t ) P = S t o p ( 1 b i t ) S C L S t a r t S D A S R W A C K A C K S t o p S C L S D A S S A S R M D A D A S S A S R M D A D A P S l a v e A d d r e s s I 2C Communication Timing Diagram Acknowledge Bit One of the slave device generates an acknowledge signal, when the slave address is matched. The master device can check this acknowledge bit to know if the slave device accepts the calling address. If no acknowledge bit, the master must send a STOP bit and end the communication. When the I 2C Bus status register bit 6 HAAS is high, it means the address is matched, so the slave must check SRW as a transmitter (set HTX) to ²1² or as a receiver (clear HTX) to ²0². Data Byte The data is 8 bits and is sent after the slave device has acknowledges the slave address. The first bit is MSB and the 8th bit is LSB. The receiver sends the acknowl- edge signal ( ²0²) and continues to receive the next one byte data. If the transmitter checks and there ¢snoac- knowledge signal, then it release the SDA line, and the master sends a STOP signal to release the I 2C Bus. The data is stored in the HDR register. The transmitter must write data to the HDR before transmit data and the re- ceiver must read data from the HDR after receiving data. S C L S D A S t a r t b i t D a t a s t a b l e D a t a a l l o w c h a n g e S t o p b i t Data Timing Diagram S C L S D A Stop Bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |