Electronic Components Datasheet Search
  English  ▼

X  

HT46C23 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46C23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
HT46R23/HT46C23
Rev. 1.60
22
May 3, 2004
Note:
1. Write the I
2C Bus address register (HADR) to define
its own slave address.
2. Set HEN bit of I
2C Bus control register (HCR) bit 0 to
enable the I
2C Bus.
Label
(HCR)
Bits
Function
HEN
7
To enable or disable I
2C Bus function
(0= disable; 1= enable)
¾
6~5
Unused bit, read as
²0²
HTX
4
To define the transmit/receive mode
(0= receive mode; 1= transmit)
TXAK
3
To enable or disable transmit acknowl-
edge
(0=acknowledge; 1=don
¢t acknowledge)
¾
2~0
Unused bit, read as
²0²
HCR Register
3. Set EHI bit of the interrupt control register 1 (INTC1)
bit 0 to enable the I
2C Bus interrupt.
Label
(HSR)
Bits
Function
HCF
7
HCF is clear to
²0² when one data byte is
being transferred, HCF is set to
²1² indi-
cating 8-bit data communication has
been finished.
HAAS
6
HAAS is set to
²1² when the calling ad-
dress has matched, and I
2C Bus inter-
rupt will occur and HIF is set.
HBB
5
HBB is set to
²1² when I2C Bus is busy
and HBB is cleared to
²0² means that the
I
2C Bus is not busy.
¾
4~3 Unused bit, read as
²0²
SRW
2
SRW is set to
²1² when the master wants
to read data from the I
2C Bus, so the
slave must transmit data to the master.
SRW is cleared to
²0² when the master
wants to write data to the I
2C Bus, so the
slave must receive data from the master.
¾
1
Unused bit, read as
²0²
RXAK
0
RXAK is cleared to
²0² when the master
receives an 8-bit data and acknowledg-
ment at the 9th clock, RXAK is set to
²1²
means not acknowledged.
HSR Register
S t a r t
W r i t e S l a v e
A d d r e s s t o H A D R
S E T H E N
I 2 C B u s
I n t e r r u p t = ?
E n a b l e
D i s a b l e
S E T E H I
W a i t f o r I n t e r r u p t
G o t o M a i n P r o g r a m
C L R E H I
P o l l H I F t o d e c i d e
w h e n t o g o t o I 2 C B u s I S R
G o t o M a i n P r o g r a m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com