Electronic Components Datasheet Search
  English  ▼

X  

HT46C23 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46C23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
HT46R23/HT46C23
Rev. 1.60
18
May 3, 2004
Label
(ACSR)
Bits
Function
ADCS0
ADCS1
0
1
Selects the A/D converter clock source
00= system clock/2
01= system clock/8
10= system clock/32
11= undefined
¾
2~6 Unused bit, read as
²0²
TEST
7
For test mode used only
ACSR Register
Label
(ADCR)
Bits
Function
ACS0
ACS1
ACS2
0
1
2
Defines the analog channel select.
PCR0
PCR1
PCR2
3
4
5
Defines the port B configuration select.
If PCR0, PCR1 and PCR2 are all zero,
the ADC circuit is power off to reduce
power consumption
EOCB
6
Provides response at the end of the
A/D conversion.
(0= end of A/D conversion)
START
7
Starts the A/D conversion. (0
®1®0=
start; 0
®1= reset A/D converter)
ADCR Register
ACS2
ACS1
ACS0
Analog Channel
00
0
A0
00
1
A1
01
0
A2
01
1
A3
10
0
A4
10
1
A5
11
0
A6
11
1
A7
Analog Input Channel Selection
When the A/D conversion is completed, the A/D inter-
rupt request flag is set. The EOCB bit is set to
²1² when
the START bit is set from
²0² to ²1².
Register
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADRL
D1
D0
¾
¾¾¾¾¾
ADRH
D9
D8
D7
D6
D5
D4
D3
D2
Note:
D0~D9 is A/D conversion result data bit
LSB~MSB.
PCR2
PCR1
PCR0
7
6
5
4
3
2
1
0
0
0
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
0
0
1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
A0
0
1
0
PB7
PB6
PB5
PB4
PB3
PB2
A1
A0
0
1
1
PB7
PB6
PB5
PB4
PB3
A2
A1
A0
1
0
0
PB7
PB6
PB5
PB4
A3
A2
A1
A0
1
0
1
PB7
PB6
PB5
A4
A3
A2
A1
A0
1
1
0
PB7
PB6
A5
A4
A3
A2
A1
A0
1
1
1
A7A6A5
A4
A3
A2
A1A0
Port B Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com