Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 12Page - Integrated Device Technology F0502 Datasheet HTML 13Page - Integrated Device Technology F0502 Datasheet HTML 14Page - Integrated Device Technology F0502 Datasheet HTML 15Page - Integrated Device Technology F0502 Datasheet HTML 16Page - Integrated Device Technology F0502 Datasheet HTML 17Page - Integrated Device Technology F0502 Datasheet HTML 18Page - Integrated Device Technology F0502 Datasheet HTML 19Page - Integrated Device Technology F0502 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
16
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS [MAX GAIN, STD MODE, IF = 184M] DC CURRENT (-6-)
Total Current Drain vs. TCASE [low side inj.]
Total Current Drain vs. VCC [low side inj.]
Total Current Drain vs. LO level [low side inj.]
Total Current Drain vs. TCASE [high side inj.]
Total Current Drain vs. VCC [high side inj.]
Total Current Drain vs. LO level [high side inj.]
0.42
0.44
0.46
0.48
0.50
0.52
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
-40degC - 5.00V - 0dBm
25degC - 5.00V - 0dBm
105degC - 5.00V - 0dBm
RF Freq / IF Freq
0.42
0.44
0.46
0.48
0.50
0.52
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.25V - 0dBm
25degC - 5.00V - 0dBm
25degC - 4.75V - 0dBm
RF Freq / IF Freq
0.42
0.44
0.46
0.48
0.50
0.52
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.00V - 3dBm
25degC - 5.00V - 0dBm
25degC - 5.00V - -3dBm
RF Freq / IF Freq
0.42
0.44
0.46
0.48
0.50
0.52
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
-40degC - 5.00V - 0dBm
25degC - 5.00V - 0dBm
105degC - 5.00V - 0dBm
RF Freq / IF Freq
0.42
0.44
0.46
0.48
0.50
0.52
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.25V - 0dBm
25degC - 5.00V - 0dBm
25degC - 4.75V - 0dBm
RF Freq / IF Freq
0.42
0.44
0.46
0.48
0.50
0.52
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.00V - 3dBm
25degC - 5.00V - 0dBm
25degC - 5.00V - -3dBm
RF Freq / IF Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com