Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 47 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 47 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 43Page - Integrated Device Technology F0502 Datasheet HTML 44Page - Integrated Device Technology F0502 Datasheet HTML 45Page - Integrated Device Technology F0502 Datasheet HTML 46Page - Integrated Device Technology F0502 Datasheet HTML 47Page - Integrated Device Technology F0502 Datasheet HTML 48Page - Integrated Device Technology F0502 Datasheet HTML 49Page - Integrated Device Technology F0502 Datasheet HTML 50Page - Integrated Device Technology F0502 Datasheet HTML 51Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
47
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
APPLICATIONS INFORMATION
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be
bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure
and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should
have a slew rate smaller than 1V/20uS. In addition, all control pins should remain at 0V (+/-0.3V) while the
supply voltage ramps or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot,
ringing, etc., provisions for an R-C circuit at the input of each control and data pin is recommended. This
applies to pins 8, 9, 10, 18 - 23, and 63 - 68 as shown below.
IDTF0552/0502/0562NLGI
8
9
10
11
12
13
14
15
16
17
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
B5
B4
B3
B2
B1
B0
TDD_A
LCmode
TDD_B
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
1
2
3
4
5
6
7
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
A3
A5
A2
A4
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com