Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 29Page - Integrated Device Technology F0502 Datasheet HTML 30Page - Integrated Device Technology F0502 Datasheet HTML 31Page - Integrated Device Technology F0502 Datasheet HTML 32Page - Integrated Device Technology F0502 Datasheet HTML 33Page - Integrated Device Technology F0502 Datasheet HTML 34Page - Integrated Device Technology F0502 Datasheet HTML 35Page - Integrated Device Technology F0502 Datasheet HTML 36Page - Integrated Device Technology F0502 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
33
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS SWEPT GAIN SETTING [STD MODE, IF =276M, LS INJECTION] OIP2, IIP2, 2X2 (-21-)
Output IP2 [1.71 GHz]
Input IP2 [1.71 GHz]
2x2 Rejection [1.71 GHz]
Output IP2 [1.88 GHz]
Input IP2 [1.88 GHz]
2x2 Rejection [1.88 GHz]
25
30
35
40
45
50
55
60
65
70
75
80
85
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
0
10
20
30
40
50
60
70
80
90
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-100
-90
-80
-70
-60
-50
-40
-30
-20
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
25
30
35
40
45
50
55
60
65
70
75
80
85
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
0
10
20
30
40
50
60
70
80
90
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-100
-90
-80
-70
-60
-50
-40
-30
-20
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
Gain Setting (dB) / Pin (dBm)
-40C / ChA
-40C / ChB
+25C / ChA
+25C / ChB
+105C / ChA
+105C / ChB
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com