Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 43 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 43 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 39Page - Integrated Device Technology F0502 Datasheet HTML 40Page - Integrated Device Technology F0502 Datasheet HTML 41Page - Integrated Device Technology F0502 Datasheet HTML 42Page - Integrated Device Technology F0502 Datasheet HTML 43Page - Integrated Device Technology F0502 Datasheet HTML 44Page - Integrated Device Technology F0502 Datasheet HTML 45Page - Integrated Device Technology F0502 Datasheet HTML 46Page - Integrated Device Technology F0502 Datasheet HTML 47Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
43
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
F0552 PINOUT
IDTF0552/0502/0562NLGI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
MX_IFB+
MX_IFB-
GND
VCC
GND
VCC
LO1_Adj
GND
GND
LO_IN
LO_IN_RTN
VCC
LO2_Adj
GND
NC
MX_IFA-
MX_IFA+
VCC
GND
VCC
GND
RFIN_A
GND
NC
TDD_A
LCmode
TDD_B
NC
GND
RFIN_B
GND
VCC
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com