Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 4Page - Integrated Device Technology F0502 Datasheet HTML 5Page - Integrated Device Technology F0502 Datasheet HTML 6Page - Integrated Device Technology F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology F0502 Datasheet HTML 10Page - Integrated Device Technology F0502 Datasheet HTML 11Page - Integrated Device Technology F0502 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
8
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
IDTF0552 Specification (Continued)
F0552 Typical Application Circuit, when operated as a Sampling IF Receiver, VCC = +5.00V, TC = +25°C, FRF = 1880
MHz, FIF = 184MHz, FLO = 1696MHz, PLO = 0 dBm, Output power = +3dBm per tone unless otherwise noted, TDD_A,
TDD_B = LOW. EVkit IF transformer losses are de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Turn-on time
 Gate STBY from VIH to VIL
 Time for IF Signal to settle to
within 0.1 dB of final value
TSETTL
0.17
0.20
sec
Attenuator
adjustment settling
time
 Any two Adjacent 1dB Steps
 +/-0.10 dB Pout settling
T1dB
17.5
25
nsec
Output IP3
Max Gain, STDMODE
 Set GMAX,
 800 KHz Tone Separation
IP3O1
40
45
dBm
Output IP3
10dB reduced gain,
STDMODE
 From GMAX to GMAX-10,
 Pout = +1dBm per tone
 800 KHz Tone Separation
IP3O2
40
45
dBm
Output IP3
10dB reduced gain,
STDMODE
 From GMAX to GMAX-10,
 Pout = +1dBm per tone
 800 KHz Tone Separation
 -
40C ≤ Tcase ≤ +105C
 IF = 138MHz, LO = 1742MHz
 IF = 184MHz, LO = 1696MHz
 IF = 276MHz
3, LO = 1604MHz
IP3O3
44
dBm
Output IP3
Max Gain, LCMODE
 Set GMAX,
 800 KHz Tone Separation
IP3O4
40
45
dBm
Input IP3
22dB reduced gain,
STDMODE
 Set GMAX-22dB,
 Pin = - 5dBm per tone
 800 KHz Tone Separation
IP3ISTD
28
31.5
dBm
Input IP3
22dB reduced gain,
LCMODE
 Set GMAX-22dB,
 Pin = -10dBm per tone
 800 KHz Tone Separation
IP3ILC
24.5
dBm
1 dB Compression
Max Gain, STDMODE
Output referred
P1dBO1
17
19.8
dBm
1 dB Compression
30dB reduced gain,
STDMODE
 Input referred
 Set GMAX-30dB
P1dBI1
8.2
9.2
dBm
1 dB Compression
Max Gain, LCMODE
Output referred
P1dBO2
17
19.8
dBm
1 dB Compression
30dB reduced gain,
LCMODE
 Input referred
 Set GMAX-30dB
P1dBI2
6.5
7
dBm
2RF
– 2LO rejection
Max Gain, STDMODE
 Frequency = FRF - ½ FIF
 PRF = -27dBm
2x21
-75
-65
dBc
2RF
– 2LO rejection
22dB reduced gain,
STDMODE
 Frequency = FRF - ½ FIF
 PRF = -5dBm
2x22
-72
-62
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com