Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 3 Page - Integrated Device Technology

  F0502 Datasheet HTML 1Page - Integrated Device Technology F0502 Datasheet HTML 2Page - Integrated Device Technology F0502 Datasheet HTML 3Page - Integrated Device Technology F0502 Datasheet HTML 4Page - Integrated Device Technology F0502 Datasheet HTML 5Page - Integrated Device Technology F0502 Datasheet HTML 6Page - Integrated Device Technology F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
3
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
TOCs Histograms [N= 1090, TCASE = 25C] (-28-) .............................................................................................. 41
Package Drawing (10x10 68-pin Thin QFN) .......................................................................................................... 42
F0552 Pinout...................................................................................................................................................... 43
F0552 Pin Description Table ................................................................................................................................ 44
F0552 Digital Pin Voltage & Resistance Values...................................................................................................... 46
EVKIT & Typical Application Schematic ................................................................................................................ 48
EVkit Picture ...................................................................................................................................................... 50
F0552 BOM 1 & 2 ............................................................................................................................................... 51
IF Bias and Output Matching Circuit & BOM for various IFs ................................................................................... 52
IF Network BOM for different frequencies ............................................................................................................ 52
Top Markings ..................................................................................................................................................... 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com