Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology F0502 Datasheet HTML 10Page - Integrated Device Technology F0502 Datasheet HTML 11Page - Integrated Device Technology F0502 Datasheet HTML 12Page - Integrated Device Technology F0502 Datasheet HTML 13Page - Integrated Device Technology F0502 Datasheet HTML 14Page - Integrated Device Technology F0502 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
11
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS [MAX GAIN, STD MODE, IF = 184M] GAIN (-1-)
Gain vs. TCASE [low side inj.]
Gain vs. VCC [low side inj.]
Gain vs. LO level [low side inj.]
Gain vs. TCASE [high side inj.]
Gain vs. VCC [high side inj.]
Gain vs. LO level [high side inj.]
24
25
26
27
28
29
30
31
32
33
34
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
-40degC - 5.00V - 0dBm - ChA
-40degC - 5.00V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
105degC - 5.00V - 0dBm - ChA
105degC - 5.00V - 0dBm - ChB
RF Freq / IF Freq
24
25
26
27
28
29
30
31
32
33
34
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.25V - 0dBm - ChA
25degC - 5.25V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 4.75V - 0dBm - ChA
25degC - 4.75V - 0dBm - ChB
RF Freq / IF Freq
RF Freq / IF Freq
24
25
26
27
28
29
30
31
32
33
34
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.00V - 3dBm - ChA
25degC - 5.00V - 3dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 5.00V - -3dBm - ChA
25degC - 5.00V - -3dBm - ChB
RF Freq / IF Freq
24
25
26
27
28
29
30
31
32
33
34
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
-40degC - 5.00V - 0dBm - ChA
-40degC - 5.00V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
105degC - 5.00V - 0dBm - ChA
105degC - 5.00V - 0dBm - ChB
RF Freq / IF Freq
24
25
26
27
28
29
30
31
32
33
34
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.25V - 0dBm - ChA
25degC - 5.25V - 0dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 4.75V - 0dBm - ChA
25degC - 4.75V - 0dBm - ChB
RF Freq / IF Freq
RF Freq / IF Freq
24
25
26
27
28
29
30
31
32
33
34
144M
184M
224M
144M
184M
224M
144M
184M
224M
144M
184M
224M
1.71 GHz
1.85 GHz
1.93 GHz
2.03 GHz
25degC - 5.00V - 3dBm - ChA
25degC - 5.00V - 3dBm - ChB
25degC - 5.00V - 0dBm - ChA
25degC - 5.00V - 0dBm - ChB
25degC - 5.00V - -3dBm - ChA
25degC - 5.00V - -3dBm - ChB
RF Freq / IF Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com