Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 3Page - Integrated Device Technology F0502 Datasheet HTML 4Page - Integrated Device Technology F0502 Datasheet HTML 5Page - Integrated Device Technology F0502 Datasheet HTML 6Page - Integrated Device Technology F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology F0502 Datasheet HTML 10Page - Integrated Device Technology F0502 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
7
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
IDTF0552 SPECIFICATION
F0552 Typical Application Circuit, when operated as a Sampling IF Receiver, VCC = +5.00V, TC = +25°C, FRF = 1880
MHz, FIF = 184MHz, FLO = 1696MHz, PLO = 0 dBm, Output power = +3dBm per tone unless otherwise noted, TDD_A,
TDD_B = LOW. EVkit IF transformer losses are de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For all control pins
VIH
1.07
V
Logic Input Low
For all control pins
VIL
0.68
V
Logic Current
For all control pins
IIH, IIL
-150
10
μA
Supply Current
Total VCC, STD Mode
ISTD
450
510
mA
Supply Current
Total VCC, LC Mode
ILC
375
420
mA
Supply Current
 Standby Mode
 STBY = VIH
 Total Both Channels
ISTBY
21
28
mA
Gain STD Mode
Conversion Power Gain
Minimum attenuation
GSTDMAX
27
29
1
31
dB
Gain LC Mode
Conversion Power Gain
Minimum attenuation
GLC
26.5
28.5
30.5
dB
Gain control range
GRANGE
47
2
dB
Gain STD mode min
gain setting
Maximum attenuation
GSTDMIN
-18
dB
Step size
GSTEP
1
dB
Differential Gain Error
Between any two adjacent
1dB steps
DNL
0.1
0.2
dB
Integral Gain Error
Error vs. line (G27 Ref)
INL
0.2
0.8
dB
Phase Error
Maximum phase change
between GMAX and any state
down to G-14
IPE
2.5
4
degree
NF STD Mode
Noise Figure (@ +25C)
NFSTD
9.6
10.6
dB
NF STD Mode
10dB reduced gain
NFSTD_G-10
9.6
10.6
dB
NF LC Mode
Noise Figure (@ +25C)
NFLC
9.3
10.3
dB
NF LC Mode
10dB reduced gain
NFLC_G-10
9.5
10.5
dB
NF w/Blocker
 +100 MHz offset blocker
 PIN = +4dBm
 28dB gain reduced
NFBLK
19.7
21
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com