Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 44 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 44 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 40Page - Integrated Device Technology F0502 Datasheet HTML 41Page - Integrated Device Technology F0502 Datasheet HTML 42Page - Integrated Device Technology F0502 Datasheet HTML 43Page - Integrated Device Technology F0502 Datasheet HTML 44Page - Integrated Device Technology F0502 Datasheet HTML 45Page - Integrated Device Technology F0502 Datasheet HTML 46Page - Integrated Device Technology F0502 Datasheet HTML 47Page - Integrated Device Technology F0502 Datasheet HTML 48Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
44
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
F0552 PIN DESCRIPTION TABLE
Pin
Name
Function
1, 3, 15, 17,
25, 38, 40, 46,
61
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
2, 4, 6, 12, 14,
16, 27, 37, 39,
42, 43, 48, 56,
59
GND
Ground these pins.
5
RFIN_A
Main Channel RF Input. Internally matched to 50Ω. DO NOT
apply DC to these pins
7, 11, 24, 30,
31, 32, 34, 49,
52, 54, 55, 62
NC
No Connection. Not internally connected. OK to connect to VCC,
OK to connect to GND
8
TDD_A
Standby control for Channel A. Includes an internal pull-up
resistor so leave as NC for Standby mode. Set this pin to low or
GND for normal operation.
9
LCmode
Low_Current Mode. Includes an internal pull-up resistor so leave
as NC for LC mode. Set this pin to low or GND for STD mode.
10
TDD_B
Standby control for Channel B. Includes an internal pull-up
resistor so leave as NC for Standby mode. Set this pin to low or
GND for normal operation.
13
RFIN_B
Diversity Channel RF Input. Internally matched to 50Ω
18
B5
Parallel Gain Control Input
– MSB. Includes an internal pull-up
resistor.
19
B4
Parallel Gain Control Input. Includes an internal pull-up resistor.
20
B3
Parallel Gain Control Input. Includes an internal pull-up resistor.
21
B2
Parallel Gain Control Input. Includes an internal pull-up resistor.
22
B1
Parallel Gain Control Input. Includes an internal pull-up resistor.
23
B0
Parallel Gain Control Input
– LSB (1 dB step). Includes an
internal pull-up resistor.
26
ISET_B
ChB VGA Icc set: Recommended resistor value = 3.83K
28
IFOUT_B+
Channel B Differential Output +. Pull up to Vcc through an
inductor
29
IFOUT_B-
Channel B Differential Output -. Pull up to Vcc through an
inductor
33
MX_IF_BiasB
Connect the specified resistor for either Standard mode (41ohm)
or LC mode (62ohm) from this pin to ground to set the bias for the
Diversity IF amplifier. This is NOT a current set resistor.
35
MX_IFB+
Diversity Mixer Differential IF (+) Output. Connect a pullup
inductor from this pin to VCC.
36
MX_IFB-
Diversity Mixer Differential IF (-) Output. Connect a pullup
inductor from this pin to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com