Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 1710MHz to 2050MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 6Page - Integrated Device Technology F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology F0502 Datasheet HTML 10Page - Integrated Device Technology F0502 Datasheet HTML 11Page - Integrated Device Technology F0502 Datasheet HTML 12Page - Integrated Device Technology F0502 Datasheet HTML 13Page - Integrated Device Technology F0502 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Sampling IF Receiver
1710MHz to 2050MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
10
Rev2, January 2014
IDTF0552NLGI
Datasheet
F0552NBGI
Advance Datasheet
TYPICAL OPERATING CONDITIONS (STD MODE, 184MHZ IF)
Unless otherwise noted, the following conditions apply to the 184MHz Typ Ops Graphs:
 BOM2 Applications circuit with 184 MHz IF Center +/- 40 MHz bandwidth network to
provide matching to 100 ohm differential load provided by 2:1 transformer (see page 51)
 Pout ~ +1 dBm
 P
IN from -27 to -6 dBm (Gain Setting Adjusted to yield Pout ~ +1 dBm without exceeding -6
dBm PIN)
 Tone Spacing = 800 KHz
 Device configured in Standard Mode with Low Side Injection
 T
CASE = 25C, VCC = 5.00 V, LO Power = 0 dBm
 RF Frequency: 1.88 GHz
 IF Frequency: 184 MHz
 Gain Setting Sweep points: 27 dB (G
MAX)
 Transformer Losses are de-embedded
 Input RF trace Losses are not de-embedded
 Listed Temperatures are Case Temperature (T
C = Case Temperature)
 Where noted, T
A or TAMB = Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com