Electronic Components Datasheet Search
  English  ▼

X  

LAN7430 Datasheet(PDF) 22 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 18Page - Microchip Technology LAN7430 Datasheet HTML 19Page - Microchip Technology LAN7430 Datasheet HTML 20Page - Microchip Technology LAN7430 Datasheet HTML 21Page - Microchip Technology LAN7430 Datasheet HTML 22Page - Microchip Technology LAN7430 Datasheet HTML 23Page - Microchip Technology LAN7430 Datasheet HTML 24Page - Microchip Technology LAN7430 Datasheet HTML 25Page - Microchip Technology LAN7430 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 22
 2018-2019 Microchip Technology Inc.
EEPROM Data In
/ Out
EEDIO
VIS / VO12
(PD)
This bidirectional pin is used for the EEPROM data. This
pin directly drives the data input of the external EEPROM.
The data output of the external EEPROM drives this pin
through an external resistor.
Note:
The internal pull-down holds a low on the pin
during reset and provides a low on the input if
an EEPROM is not connected.
Note:
An external resistor, on the EEPROM’s data
output, must be used to prevent contention
during data read operations.
EEPROM Clock
EECLK
VO12
(PD)
This pin drives the clock input of the external EEPROM.
Note:
The internal pull-down holds a low on the
output pin during reset.
Miscellaneous
General
Purpose I/O x
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
GPIO8
GPIO9
GPIO10
GPIO11
VIS/
VO8/
VOD8
(PU)
Each of these general purpose I/O pins is fully program-
mable as either a push-pull output, an open-drain output,
or a Schmitt-triggered input with pull-up.
Note:
The pull-up is only enabled if the pin is set as
a GPIO.
Note:
GPIO0
through GPIO3 are available for the
LAN7430 and LAN7431.
Note:
GPIO4
through GPIO11 are available only for
the LAN7431.
Test Pin
TEST
VIS
(PD)
This pin is used to enable test modes and must be con-
nected to ground for proper functional operation.
System Reset
RESET_N
VIS
System reset. This pin is active low.
Note:
If this signal is unused it must be pulled up to
VDDVARIO.
Indicator LEDs
LED0
LED1
LED2
LED3
VOD12
VOS12
(LAN7430 only)
LED signal sourced from Gigabit Ethernet PHY.
Note:
When enabled as LED outputs, the pins are
either open-Drain or open-Source drivers.
External PHY Bias
Resistor
ISET
AI
This pin should be connect to ground through a 6.04K 1%
resistor.
JTAG
JTAG Test Mux
Select
TMS
VIS
JTAG test mode select.
JTAG Test Clock
TCK
VIS
JTAG test clock.
Note:
The maximum operating frequency of this clock
is half of the system clock.
JTAG Test Data
Input
TDI
VIS
JTAG data input
JTAG Test Data
Output
TDO
VO12
JTAG data output.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com