Electronic Components Datasheet Search
  English  ▼

X  

LAN7430 Datasheet(PDF) 57 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 57 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 53Page - Microchip Technology LAN7430 Datasheet HTML 54Page - Microchip Technology LAN7430 Datasheet HTML 55Page - Microchip Technology LAN7430 Datasheet HTML 56Page - Microchip Technology LAN7430 Datasheet HTML 57Page - Microchip Technology LAN7430 Datasheet HTML 58Page - Microchip Technology LAN7430 Datasheet HTML 59Page - Microchip Technology LAN7430 Datasheet HTML 60Page - Microchip Technology LAN7430 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 57
LAN7430/LAN7431
7.6.3
POWER-ON CONFIGURATION STRAP TIMING
Figure 7-4 illustrates the configuration strap timing requirements, in relation to power-on, for applications where
RESET_N is not used at power-on. The operational level (Vopp) for the external power supply is detailed in Section 7.2,
"Operating Conditions**," on page 48.
FIGURE 7-3:
POWER SEQUENCE TIMING (EXTERNAL REGULATORS)
TABLE 7-11:
POWER SEQUENCING TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tpon
Power supply turn on time
50
ms
tpoff
Power supply turn off time
500
ms
FIGURE 7-4:
POWER-ON CONFIGURATION STRAP TIMING
TABLE 7-12:
POWER-ON CONFIGURATION STRAP TIMING
Symbol
Description
Min
Typ
Max
Units
tcsh
Configuration strap hold after external power supply at
operational level
22
ms
todad
Output drive after straps latched
3
µs
VDDVARIO,
VDDVARIO_B
VDD_SW_IN, VDD_REG_IN,
VDD_OTP, AVDDH_1, AVDDH_2
tpon
tpoff
VDD12CORE, AVDD12, AVDDL_1,
AVDDL_2, VPH, VPTX, VP
All External
Power Supplies
Vopp
Configuration
Strap Pins
tcsh
Output Drive
todad




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com