Electronic Components Datasheet Search
  English  ▼

X  

LAN7430 Datasheet(PDF) 25 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 25 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 21Page - Microchip Technology LAN7430 Datasheet HTML 22Page - Microchip Technology LAN7430 Datasheet HTML 23Page - Microchip Technology LAN7430 Datasheet HTML 24Page - Microchip Technology LAN7430 Datasheet HTML 25Page - Microchip Technology LAN7430 Datasheet HTML 26Page - Microchip Technology LAN7430 Datasheet HTML 27Page - Microchip Technology LAN7430 Datasheet HTML 28Page - Microchip Technology LAN7430 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 25
LAN7430/LAN7431
3.4
Configuration Straps
Configuration straps are latched on Power-On Reset (POR) and External Chip Reset (RESET_N) and are identified by
an underlined symbol name. Configuration straps are multi-function pins that are driven as outputs during normal oper-
ation. During a Power-On Reset (POR) or an External Chip Reset (RESET_N), these outputs are not driven. The high
or low state of the signal is latched following deassertion of the reset and is used to determine the default configuration
of a particular feature. The following configuration strap signals are available:
• ADV_PM_DISABLE
• MII_EN (LAN7431 only)
Configuration straps include internal resistors in order to prevent the signal from floating when unconnected. If a partic-
ular configuration strap is connected to a load, an external pull-up or pull-down should be used to augment the internal
resistor to ensure that it reaches the required voltage level prior to latching. The internal resistor can also be overridden
by the addition of an external resistor. When externally pulling configuration straps high, the strap should be tied to
VDDVARIO or VDDVARIO_B as indicated in the pin descriptions.
The system designer must ensure that configuration straps meet the timing requirements specified in Section 7.6.3,
"Power-On Configuration Strap Timing" and Section 7.6.4, "Reset Pin Configuration Strap Timing". If configuration
straps are not at the correct voltage level prior to being latched, the device may capture incorrect strap values.
PCIe Ground
GD_1
GD_2
GD_3
P
PCIe ground.
Ground
VSS
P
Common ground.
This exposed pad must be connected to the ground plane
with a via array.
Note:
Configuration straps must never be driven as inputs. If required, configuration straps can be augmented,
or overridden with external resistors.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com