Electronic Components Datasheet Search
  English  ▼

X  

LAN7430 Datasheet(PDF) 66 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 66 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 62Page - Microchip Technology LAN7430 Datasheet HTML 63Page - Microchip Technology LAN7430 Datasheet HTML 64Page - Microchip Technology LAN7430 Datasheet HTML 65Page - Microchip Technology LAN7430 Datasheet HTML 66Page - Microchip Technology LAN7430 Datasheet HTML 67Page - Microchip Technology LAN7430 Datasheet HTML 68Page - Microchip Technology LAN7430 Datasheet HTML 69Page - Microchip Technology LAN7430 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 66
 2018-2019 Microchip Technology Inc.
7.6.8
JTAG TIMING
This section specifies the JTAG timing of the device.
FIGURE 7-13:
JTAG TIMING
TABLE 7-21:
JTAG TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
ttckp
TCK clock period
40
ns
ttckhl
TCK clock high/low time
ttckp*0.4
ttckp*0.6
ns
tsu
TDI, TMS setup to TCK rising edge
10
ns
th
TDI, TMS hold from TCK rising edge
10
ns
tdov
TDO output valid from TCK falling edge
15
ns
tdoinvld
TDO output invalid from TCK falling edge
0
ns
Note:
JTAG timing values are with respect to an equivalent test load of 25 pF.
TCK
(Input)
TDI, TMS
(Inputs)
ttckhl
ttckp
ttckhl
tsu
th
tdov
TDO
(Output)
tdohinvld



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com