Electronic Components Datasheet Search
  English  ▼

X  

LAN7430 Datasheet(PDF) 51 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 51 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 47Page - Microchip Technology LAN7430 Datasheet HTML 48Page - Microchip Technology LAN7430 Datasheet HTML 49Page - Microchip Technology LAN7430 Datasheet HTML 50Page - Microchip Technology LAN7430 Datasheet HTML 51Page - Microchip Technology LAN7430 Datasheet HTML 52Page - Microchip Technology LAN7430 Datasheet HTML 53Page - Microchip Technology LAN7430 Datasheet HTML 54Page - Microchip Technology LAN7430 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 51
LAN7430/LAN7431
7.4.2
LAN7431 POWER CONSUMPTION
Energy Detect Power
Down
L0s
105
347
L1
79
260
L1 with CPM
59
194
L1.SS
58
191
TABLE 7-4:
LAN7431 POWER CONSUMPTION
Mode
Typical
Current (mA)
Typical Power (mW)
VDDVARIO
1.8V
23
41
2.5V
33
83
3.3V
38
125
3.3V (VDD_SW_IN,
VDD_REG_IN,
VDD_OTP)
L0s
90
297
L1
75
248
L1 with CPM
63
208
L1.SS
62
205
VDDVARIO
1.8V
6
11
2.5V
8
20
3.3V
11
36
3.3V (VDD_SW_IN,
VDD_REG_IN,
VDD_OTP)
L0s
90
297
L1
75
248
L1 with CPM
63
208
L1.SS
62
205
VDDVARIO
1.8V
2
4
2.5V
3
8
3.3V
5
17
3.3V (VDD_SW_IN,
VDD_REG_IN,
VDD_OTP)
L0s
90
297
L1
65
215
L1 with CPM
50
165
L1.SS
49
162
VDDVARIO
1.8V
2
4
2.5V
3
8
3.3V
8
26
3.3V (VDD_SW_IN,
VDD_REG_IN,
VDD_OTP)
L0s
90
297
L1
75
248
L1 with CPM
63
208
L1.SS
62
205
TABLE 7-3:
LAN7430 POWER CONSUMPTION (CONTINUED)
Mode
3.3V Typical
Current (mA)
Typical Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com