Electronic Components Datasheet Search
  English  ▼

X  

LAN7430 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 44Page - Microchip Technology LAN7430 Datasheet HTML 45Page - Microchip Technology LAN7430 Datasheet HTML 46Page - Microchip Technology LAN7430 Datasheet HTML 47Page - Microchip Technology LAN7430 Datasheet HTML 48Page - Microchip Technology LAN7430 Datasheet HTML 49Page - Microchip Technology LAN7430 Datasheet HTML 50Page - Microchip Technology LAN7430 Datasheet HTML 51Page - Microchip Technology LAN7430 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 48
 2018-2019 Microchip Technology Inc.
7.0
OPERATIONAL CHARACTERISTICS
7.1
Absolute Maximum Ratings*
Supply Voltage (VDDVARIO, VDDVARIO_B, VDD_SW_IN, VDD_REG_IN, VDD_OTP) (Note 7-1) ...... -0.5 V to +4.6 V
+2.5/3.3 V Analog Supply Voltage (AVDDH_1, AVDDH_2) (Note 7-1)..................................................... -0.5 V to +4.6 V
+2.5 V Analog Supply Voltage (VPH) (Note 7-1)...................................................................................... -0.5 V to +3.2 V
+1.2 V Analog Supply Voltage (AVDD12, AVDDL_1, AVDDL_2, VPTX, VP) (Note 7-1).......................... -0.5 V to +1.5 V
+1.2 V Digital Supply Voltage (VDD12CORE) (Note 7-1) ........................................................................ -0.5 V to +1.5 V
Positive voltage on input signal pins, with respect to ground ..................................................................................+4.6 V
Negative voltage on input signal pins, with respect to ground ................................................................................ -0.5 V
Storage Temperature...............................................................................................................................-65°C to +150°C
Lead Temperature Range............................................................................................Refer to JEDEC Spec. J-STD-020
HBM ESD Performance ..........................................................................................................................................+/-2kV
Note 7-1
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when AC power is switched on or off. In addition, voltage transients on the
AC power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 7.2, "Operating Conditions**", Section 7.5,
"DC Specifications", or any other applicable section of this specification is not implied.
7.2
Operating Conditions**
Supply Voltage (VDD_SW_IN)............................................................................................................ +1.62 V to +3.63 V
Supply Voltage (VDDVARIO, VDDVARIO_B) ..................................................................................... +1.62 V to +3.63 V
Supply Voltage (VDD_REG_IN, VDD_OTP) ....................................................................................... +2.97 V to +3.63 V
+2.5/3.3 V Ethernet PHY Analog Supply Voltage (AVDDH_1, AVDDH_2)........................... Note 7-2 +2.33 V to +2.75 V
............................................................................................................................................................ +2.97 V to +3.63 V
+2.5 V PCIe PHY Analog Supply Voltage (VPH)................................................................................. +2.33 V to +2.75 V
+1.2 V PCIe PHY Analog Supply Voltage (VPTX, VP)........................................................................ +1.12 V to +1.32 V
+1.2 V Ethernet PHY Analog Supply Voltage (AVDD12, AVDDL_1, AVDDL_2) ................................. +1.14 V to +1.32 V
Digital Supply Voltage (VDD12CORE) ................................................................................................ +1.14 V to +1.32 V
Positive voltage on input signal pins, with respect to ground ................................................................................+3.63 V
Negative voltage on input signal pins, with respect to ground ................................................................................ -0.3 V
Ambient Operating Temperature in Still Air (TA).................................................................................................. Note 7-3
Note 7-2
The 10BASE-T transmit amplitude will not pass the 10BASE-T spec limits over process, voltage, and
temperature at 2.5V (nominal).
Note 7-3
0°C to +70°C for commercial version, -40°C to +85°C for industrial version, -40°C to +105°C for
automotive version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com