Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 9
1.4 General Purpose Input Output (GPIO)
The DWM3000 provides 8 configurable pins.
On reset, all GPIO pins default to input. GPIO inputs, when appropriately configured, are capable of generating
interrupts to the host processor via the IRQ signal.
See DW3000 datasheet and DW3000 user manual provide full details of the configuration and use of the GPIO
lines.
1.5 Always-On (AON) Memory
Configuration retention in lowest power states is enabled in DWM3000 by provision of an Always-On (AON)
memory array with a separate power supply, VDD1. The DWM3000 may be configured to upload its configuration
to AON before entering a low-power state and to download the configuration when waking up from the low –
power state.
1.6 One-Time Programmable (OTP) Memory
The DWM3000 contains a 128x32-bit user programmable OTP memory that is used to store per chip calibration
information.
1.7 Interrupts and Device Status
DWM3000 has a number of interrupt events that can be configured to drive the IRQ output pin. The default IRQ
pin polarity is active high. A number of status registers are provided in the system to monitor and report data of
interest. See DW3000 user manual for a full description of system interrupts and their configuration and of status
registers.
1.8 MAC
A number of MAC features are implemented including CRC generation, CRC checking and receive frame filtering.
See the DW3000 datasheet and DW3000 user manual for full details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com