Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 20Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 17
5.2 Application Circuit Diagram
A simple application circuit integrating the DWM3000 module need only power the device and connect the device
to a host controller, see Figure 10.
Figure 10: Example DWM3000 Application Circuit
5.3 GPIO and SPI I/O internal pull up/down
All of the GPIO pins have a software controllable internal pull up/down resistor to ensure safe operation when
input pins are not driven. This defaults to enabled and pull-down except for the SPICSn pin which defaults to pull-
up. The value of the pull up/down will vary with the VDD1 supply voltage over a range from 10 kΩ to 30 kΩ.
Figure 11: SPI and GPIO pull up/down
EXTON 1
UWB
Chip
Antenna
2
3
4
5
6
7
8
WAKEUP
RSTn
GPIO7
VDD1
VDD3V3
VDD3V3
VSS
17
18
19
20
21
22
23
24
SPICSn
SPIMOSI
SPIMISO
SPICLK
VSS
IRQ / GPIO8
VSS
VSS
Host
uProcessor
DWM3000
DWM3000_RSTn
DWM3000_RSTn
GND
+3.3 V
Optional pulldown
on IRQ to prevent
spurious
interrupts
GND
Open Drain
GPIO
100 kΩ
DW3000
AON IO
Host
Controller
SPICSn
SPIMOSI
SPICLK
SPIMISO
IRQ
DIG IO
30kOhm (1.8V)
VDD1
30kOhm (1.8V)
30kOhm (1.8V)
GPIO(x)
30kOhm (1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com