Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 15
4.4 Reference Clock AC Characteristics
Tamb = 25 ˚C, all supplies centred on typical values
4.4.1 Reference Frequency
Table 7: DWM3000 Reference Clock AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
On-board crystal oscillator reference
frequency
38.4
MHz
On-board crystal aging
±1
ppm in 1st year
4.5 Transmitter AC Characteristics
Tamb = 25 ˚C, all supplies centred on typical values
Table 8: DWM3000 Transmitter AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Frequency range
6250
8250
MHz
Channel Bandwidths
500
MHz
Channel 5 and 9
4.6 Absolute Maximum Ratings
Table 9: DWM3000 Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Voltage
VDD3V3 / VDD1
-0.3
4.0
V
Receiver Power
0
dBm
Temperature - Storage temperature
-40
+85
˚C
Temperature - Operating temperature
-40
+85
˚C
ESD (Human Body Model)
2000
V
Stresses beyond those listed in this table may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other conditions beyond those indicated in the operating
conditions of the specification is not implied. Exposure to the absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com