Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 20Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 21Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 22Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 23Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 22
7 GLOSSARY
Table 11: Glossary of Terms
Abbreviation
Full Title
Explanation
EIRP
Equivalent
Isotropically
Radiated Power
The amount of power that a theoretical isotropic antenna (which evenly distributes
power in all directions) would emit to produce the peak power density observed in the
direction of maximum gain of the antenna being used.
ETSI
European
Telecommunication
Standards Institute
Regulatory body in the EU charged with the management of the radio spectrum and
the setting of regulations for devices that use it.
FCC
Federal
Communications
Commission
Regulatory body in the USA charged with the management of the radio spectrum and
the setting of regulations for devices that use it.
GPIO
General Purpose
Input / Output
Pin of an IC that can be configured as an input or output under software control and
has no specifically identified function.
IEEE
Institute of Electrical
and Electronic
Engineers
Is the world’s largest technical professional society. It is designed to serve
professionals involved in all aspects of the electrical, electronic and computing fields
and related areas of science and technology.
PLL
Phase Locked Loop
Circuit designed to generate a signal at a particular frequency whose phase is related
to an incoming “reference” signal.
PPM
Parts Per Million
Used to quantify very small relative proportions. Just as 1% is one out of a hundred,
1 ppm is one part in a million.
RF
Radio Frequency
Generally used to refer to signals in the range of 3 kHz to 300 GHz. In the context of
a radio receiver, the term is generally used to refer to circuits in a receiver before
down-conversion takes place and in a transmitter after up-conversion takes place.
RTLS
Real Time Location
System
System intended to provide information on the location of various items in real-time.
SFD
Start of Frame
Delimiter
Defined in the context of the IEEE 802.15.4-2011 standard.
SPI
Serial Peripheral
Interface
An industry standard method for interfacing between IC’s using a synchronous serial
scheme first introduced by Motorola.
TCXO
Temperature
Controlled Crystal
Oscillator
A crystal oscillator whose output frequency is very accurately maintained at its
specified value over its specified temperature range of operation.
TWR
Two Way Ranging
Method of measuring the physical distance between two radio units by exchanging
messages between the units and noting the times of transmission and reception.
Refer to Decawave’s website for further information.
TDoA
Time Difference of
Arrival
Method of deriving information on the location of a transmitter. The time of arrival of a
transmission at two physically different locations whose clocks are synchronized is
noted and the difference in the arrival times provides information on the location of
the transmitter. A number of such TDoA measurements at different locations can be
used to uniquely determine the position of the transmitter. Refer to Decawave’s
website for further information.
UWB
Ultra Wideband
A radio scheme employing channel bandwidths of, or in excess of, 500 MHz.
WSN
Wireless Sensor
Network
A network of wireless nodes intended to enable the monitoring and control of the
physical environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com