Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 8
1.3.3 SPI Transaction Formatting
The SPI command structure allows for 4 different types of SPI command:
1. Fast, single byte commands. Up to 32 unique commands such as “TX now”, “TX/RX Off”.
2. Fast addressed mode. Allowing for read and write addressing to 32 master addresses. This command
structure is padded by a trailing bit to allow the SPI address decoder time to fetch any read data. The
length of the read is determined by the length of the SPI transaction.
3. Full addressed mode. Allowing for read and write addressing to 32 master addresses and up to 128 byte
offset addressing. This command structure is padded by a trailing bit to allow the SPI address decoder
time to fetch any read data. The length of the read or write is determined by the length of the SPI
transaction.
4. Masked write transaction. These are intended to simplify read-modify-write operations by allowing the
host to write to an address and apply a set, clear or toggle mask to 1, 2, or 4 bytes. The SPI command
decoder then carries out the required read-modify-write instructions internally.
Figure 7: SPI Command Formatting
RD
/
WR
8/
16
ADD
0
0
X octet data
2
3
4
5
6
7
1
8
9 10 11
13
12
0
16 17 18 19 20 21
15
22 23
14
M0
M1
1
X octet data
1/
0
0
0
1
1 octet AND mask
1
1
0
1
2 octet AND mask
1
0
1
1
4 octet AND mask
1
1
1
Masked write
transaction
Short addressed
transaction
1/
0
Full
addressed
transaction
byte0[5:1]
5-bit base address
Bit count
1
0
1
Fast Command
byte1[7:2]
sub-address [5:0]
byte0[5:1]
5-bit base address
byte1[7:2]
sub-address [5:0]
byte0[5:1]
5-bit base address
byte1[7:2]
sub-address [5:0]
byte0[5:1]
5-bit base address
byte0[5:1]
5-bit base address
Fast
command
transaction
Mode bits (M1, M0):
00 = RD/WR
01= WR: AND/OR 8-bit
10 = WR: AND/OR 16-bit
11 = WR: AND/OR 32-bit
1 octet OR mask
2 octet OR mask
4 octet OR mask
byte1[6:0]
7-bit sub-address
MSB
byte0
LSB
MSB
byte1
LSB
byte0[0]
sub-address [6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com