Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 10
2 DWM3000 CALIBRATION
Depending on the end-use applications and the system design, DWM3000 settings may need to be tuned. To
help with this tuning a number of built in functions such as continuous wave TX and continuous frame
transmission can be enabled. See the DW3000 user manual for further details.
The DWM3000 has crystal oscillator trimmed during module production but no transmit power or antenna delay
calibration.
2.1.1 Crystal Oscillator Trim
DWM3000 modules are calibrated at production at room temperature to minimise initial frequency error to reduce
carrier frequency offset between modules and thus improve receiver sensitivity. The calibration carried out at
module production will trim the initial frequency offset to less than 2 ppm, typically.
2.1.2 Transmitter Calibration
In order to maximise range, DWM3000 transmit power spectral density (PSD) should be set to the maximum
allowable for the geographic region in which it will be used. For most regions this is -41.3 dBm/MHz.
As the module contains an integrated antenna, the transmit power can only be measured over the air. The
Effective Isotropic Radiated Power (EIRP) must be measured and the power level adjusted to ensure compliance
with applicable regulations.
The DWM3000 provides the facility to adjust the transmit power in coarse and fine steps; 2 dB and 0.5 dB
nominally. It also provides the ability to adjust the spectral bandwidth. These adjustments can be used to
maximise transmit power whilst meeting regulatory spectral mask.
If required, transmit calibration should be carried out on a per DWM3000 module basis, see DW3000 user
manual for full details.
2.1.3 Antenna Delay Calibration
In order to measure range accurately, precise calculation of timestamps is required. To do this the antenna delay
must be known. The DWM3000 allows this delay to be calibrated and provides the facility to compensate for
delays introduced by PCB, external components, antenna and internal DWM3000 delays.
To calibrate the antenna delay, range is measured at a known distance using two DWM3000 systems. Antenna
delay is adjusted until the known distance and reported range agree. The antenna delay can be stored in OTP
memory.
Antenna delay calibration must be carried out as a once off measurement for each DWM3000 design
implementation. If required, for greater accuracy, antenna delay calibration should be carried out on a per
DWM3000 module basis, see DW3000 user manual for full details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com