Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 11
3 DWM3000 PIN CONNECTIONS
3.1 Pin Numbering
DWM3000 module pin assignments are as follows (viewed from top): -
Figure 8: DWM3000 Pin Diagram
3.2 Pin Descriptions
Table 2: DWM3000 Pin functions
SIGNAL NAME
PIN
I/O
(Default)
DESCRIPTION
Digital Interface
SPICLK
20
DI
SPI clock
SPIMISO
19
DO
(O–L)
SPI data output.
SPIMOSI
18
DI
SPI data input.
SPICSn
17
DI
SPI chip select. This is an active low enable input. The high-to-low
transition on SPICSn signals the start of a new SPI transaction.
SPICSn can also act as a wake-up signal to bring DW3110 out of
either SLEEP or DEEPSLEEP states.
WAKEUP
2
DIO
When asserted into its active high state, the WAKEUP pin brings
the DW3110 out of SLEEP or DEEPSLEEP states into operational
mode.
If unused, this pin can be tied to ground.
UWB
Chip
Antenna
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
EXTON
WAKEUP
RSTn
GPIO7
VDD1
VDD3V3
VDD3V3
VSS
VSS
VSS
GPIO8
VSS
SPICLK
SPIMISO
SPIMOSI
SPICSn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com