Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DWM3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 15Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 16Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 17Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 18Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 19Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 16
5 APPLICATION INFORMATION
5.1 Application Board Layout Guidelines
When designing the PCB onto which DWM3000 will be soldered, the proximity of the DWM3000 on-board
ceramic monopole antenna to metal and other non-RF transparent materials needs to considered carefully. Two
suggested placement schemes are shown below.
For best RF performance, ground copper should be flooded in all areas of the application board, except
in the areas marked “Keep-Out Area”, where there should be no metal either side, above or below (e.g.
do not place battery under antenna).
The placement schemes in Figure 9 show an application board with no non-RF transparent material in the keep-
out area, or an application board with the antenna projecting off of the board so that the keep out area is in free-
space. In this second scheme it is still important not to place metal components above or below the antenna in a
system implementation. It is also important to note that the ground plane on the application board affects the
DWM3000 antenna radiation pattern. In Figure 9 below, ‘d’ should ideally be 10 mm. This gives the most
vertically polarized radiation pattern. As ‘d’ is increased from 10 mm the degree of vertical polarization reduces.
Figure 9: DWM3000 Application Board Keep-Out Areas
Keep-Out
Area
Keep-Out
Area
Application Board
d
d
Application Board
d
d
Antenna
DWM3000
Antenna
DWM3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com