Electronic Components Datasheet Search
  English  ▼

X  

DWM3000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DWM3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 4
1 OVERVIEW
The DWM3000 module is an IEEE 802.15.4-2011 and IEEE 802.15.4z (BPRF mode) UWB implementation. RF
components, Decawave DW3110 UWB transceiver, and other components reside on-module. DWM3000
enables cost effective and reduced complexity integration of UWB communications and ranging features, greatly
accelerating design implementation.
1.1 DWM3000 Functional Description
The DW3110 on board the DWM3000 is a fully integrated low-power, single chip CMOS RF transceiver IC. The
DWM3000 module requires no RF design as the antenna and associated analog and RF components are on the
module.
The module contains an on-board 38.4 MHz reference crystal. The crystal has been trimmed in production to
reduce the initial frequency error to approximately 2 ppm, using the DW3110 IC’s internal on-chip crystal trimming
circuit, see section 2.1.1.
Always-On (AON) memory can be used to retain DWM3000 configuration data during the lowest power operational
states when the on-chip voltage regulators are disabled. This data is uploaded and downloaded automatically. Use
of DWM3000 AON memory is configurable.
The on-chip voltage and temperature monitors allow the host to read the voltage on the VDD1 pin and the internal
die temperature information from the DW3110.
See the DW3000 datasheet for more detailed information on device functionality, electrical specifications and
typical performance.
1.2 DWM3000 Power Up
DWM3000 is designed such that it can be powered in a number of different configurations depending on the
application. These options are described below. Figure 1 shows the power up sequence when external power
sources are applied. The power supply design should ensure that VDD2a/b and VDD3 are stable less than 10ms
after VDD1 (3.3V) comes up, otherwise a device reset is required.
When the external power source is applied to the DWM3000 for the first time (cold power up), the internal Power
On Reset (POR) circuit compares the externally applied supply voltage (VDD1) to an internal power-on threshold
(approximately 1.5V), and once this threshold is passed the AON block is released from reset and the external
device enable pin EXTON is asserted.
Then the VDD2a/b and VDD3 supplies are monitored and once they are above the required voltage as specified
in the datasheet (2.2V and 1.4V respectively), the fast RC oscillator (FAST_RC) and crystal (XTAL Oscillator) will
come on within 500 µs and 1 ms respectively.
The DWM3000 digital core will be held in reset until the crystal oscillator is stable. Once the digital reset is de-
asserted the digital core wakes up and enters the INIT_RC state, (see Figure 1 and Figure 2). Then once the
configurations stored in AON and OTP have been restored (into the configuration registers) the device will enter
IDLE_RC. Then the host can set the AINIT2IDLE configuration bit in SEQ_CTRL and the IC will enable the
CLKPLL and wait for it to lock before entering the IDLE_PLL state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com