Electronic Components Datasheet Search
  English  ▼

X  

AD4696 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4696 Datasheet HTML 2Page - Analog Devices AD4696 Datasheet HTML 3Page - Analog Devices AD4696 Datasheet HTML 4Page - Analog Devices AD4696 Datasheet HTML 5Page - Analog Devices AD4696 Datasheet HTML 6Page - Analog Devices AD4696 Datasheet HTML 7Page - Analog Devices AD4696 Datasheet HTML 8Page - Analog Devices AD4696 Datasheet HTML 9Page - Analog Devices AD4696 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
AD4695/AD4696
Data Sheet
Rev. 0 | Page 6 of 96
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERVOLTAGE CLAMP
External Series Resistance (REXT)6
For stable clamp operation
Overvoltage reduced current mode disabled
2000
Ω
Overvoltage reduced current mode enabled
1000
Ω
External Series Capacitance (CEXT)6
For stable clamp operation
500
pF
Clamp Input Current
For each active clamp
5
mA
Clamp Activation Voltage
VREF + 0.55
V
Clamp Deactivation Voltage
VREF + 0.1
V
Input Clamping Voltage
Clamp current = 5 mA
VREF + 0.2
V
Activation Time
50
ns
Deactivation Time
100
ns
DIGITAL INPUTS
Logic Levels
Input Low Voltage (VIL)
−0.3
+0.3 × VIO
V
Input High Voltage (VIH)
0.7 × VIO
3.6
V
Input Current (IL)
−1
+1
µA
Input Pin Capacitance
5
pF
DIGITAL OUTPUTS
Conversion Mode Data Format
Unipolar mode
Straight binary
Pseudo bipolar mode
Twos complement
Logic Levels
Output Low Voltage (VOL)
Digital output current = +500 µA
0.4
V
Output High Voltage (VOH)
Digital output current = −500 µA
VIO − 0.3
V
POWER REQUIREMENTS
AVDD to AGND
3.15
5.5
V
LDO_IN to AGND
Internal LDO enabled
2.4
5.5
V
Internal LDO disabled
0
V
VDD to AGND
Internal LDO disabled
1.71
1.8
1.89
V
VIO to IOGND
1.14
1.98
V
POWER SUPPLY CURRENT7
Standby Current
AVDD
AVDD = 5 V
160
nA
LDO_IN
LDO_IN = 5 V
Internal LDO enabled
9
µA
Internal LDO disabled
0.3
µA
VDD
VDD = 1.8 V, internal LDO disabled
1.5
µA
VIO
VIO = 1.8 V
250
nA
AVDD Current (Conversion Mode)
AVDD = 5 V
Reference High-Z Mode Disabled,
Analog Input High-Z Mode Disabled
fS = 10 kSPS
680
nA
fS = 500 kSPS
26
µA
fS = 1 MSPS
52
µA
Reference High-Z Mode Enabled,
Analog Input High-Z Mode Enabled
fS = 10 kSPS
13
µA
fS = 500 kSPS
0.64
0.73
mA
fS = 1 MSPS
1.28
1.46
mA
LDO_IN Current (Conversion Mode)
LDO_IN = 5 V, internal LDO enabled
Reference High-Z Mode Disabled,
Analog Input High-Z Mode Disabled
fS = 10 kSPS
52
µA
fS = 500 kSPS
2
mA
fS = 1 MSPS
4
mA
Reference High-Z Mode Enabled,
Analog Input High-Z Mode Enabled
fS = 10 kSPS
64
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com